Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCX124EU Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DCX124EU
Description  COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX124EU Datasheet(HTML) 3 Page - Diodes Incorporated

  DCX124EU Datasheet HTML 1Page - Diodes Incorporated DCX124EU Datasheet HTML 2Page - Diodes Incorporated DCX124EU Datasheet HTML 3Page - Diodes Incorporated DCX124EU Datasheet HTML 4Page - Diodes Incorporated DCX124EU Datasheet HTML 5Page - Diodes Incorporated DCX124EU Datasheet HTML 6Page - Diodes Incorporated DCX124EU Datasheet HTML 7Page - Diodes Incorporated DCX124EU Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS30347 Rev. 2 - 2
3 of 8
DCX (xxxx) U
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
Vl(off)
-0.5
-0.5
-0.3
-0.5
-0.5
-1.1
-1.1
¾
¾
-1.1
¾
V
VCC = -5V, IO = -100
mA
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
Vl(on)
¾
-1.9
-1.9
¾
¾
-1.9
-3.0
-3.0
-1.4
-1.1
-3.0
VO = -0.3, IO = -5mA
VO = -0.3, IO =- 2mA
VO = -0.3, IO = -1mA
VO = -0.3, IO = -5mA
VO = -0.3, IO = -10mA
Output Voltage
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
VO(on)
¾
-0.1
-0.3
V
IO/Il = -10mA / -0.5mA
IO/Il = -10mA / -0.5mA
IO/Il = -5mA / -0.25mA
IO/Il = -5mA / -0.25mA
IO/Il = -10mA /- 0.5mA
Input Current
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
Il
¾¾
-0.36
-0.18
-0.88
-3.6
-0.88
mA
VI = -5V
Output Current
IO(off)
¾¾
-0.5
mA
VCC = 50V, VI = 0V
DC Current Gain
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
Gl
56
68
68
80
30
¾¾
¾
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
VO = -5V, IO = -10mA
VO = -5V, IO = -10mA
VO = -5V, IO = -5mA
Input Resistor (R1) Tolerance
DR1
-30
¾
+30
%
¾
Resistance Ratio Tolerance
R2/R1
-20
¾
+20
%
¾
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = -10V, IE = -5mA,
f = 100MHz
* Transistor - For Reference Only
Characteristic (DCX143TU & DCX114TU only)
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-50
¾¾
V
IC = -50
mA
Collector-Emitter Breakdown Voltage
BVCEO
-50
¾¾
V
IC = -1mA
Emitter-Base Breakdown Voltage
BVEBO
-5
¾¾
V
IE = -50
mA
Collector Cutoff Current
ICBO
¾¾
-0.5
mA
VCB = -50V
Emitter Cutoff Current
IEBO
¾¾
-0.5
mA
VEB = -4V
Collector-Emitter Saturation Voltage
VCE(sat)
¾¾
-0.3
V
IC/IB = 2.5mA / 0.25mA
DCX143TU
IC/IB = 1mA / 0.1mA
DCX114TU
DC Current Transfer Ratio
hFE
100
250
600
¾
IC = -1mA, VCE = -5V
Input Resistor (R1) Tolerance
DR1
-30
¾
+30
%
¾
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = -10V, IE = 5mA, f = 100MHz
@ TA = 25
°C unless otherwise specified
Electrical Characteristics PNP Section
Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
DCX124EU-7
SOT-363
3000/Tape & Reel
DCX144EU-7
SOT-363
3000/Tape & Reel
DCX114YU-7
SOT-363
3000/Tape & Reel
DCX123JU-7
SOT-363
3000/Tape & Reel
DCX114EU-7
SOT-363
3000/Tape & Reel
DCX143TU-7
SOT-363
3000/Tape & Reel
DCX114TU-7
SOT-363
3000/Tape & Reel
Ordering Information (Note 3)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com