Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-L5973AD Datasheet(PDF) 21 Page - STMicroelectronics

Part # E-L5973AD
Description  2 A switch step down switching regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L5973AD Datasheet(HTML) 21 Page - STMicroelectronics

Back Button E-L5973AD Datasheet HTML 14Page - STMicroelectronics E-L5973AD Datasheet HTML 15Page - STMicroelectronics E-L5973AD Datasheet HTML 16Page - STMicroelectronics E-L5973AD Datasheet HTML 17Page - STMicroelectronics E-L5973AD Datasheet HTML 18Page - STMicroelectronics E-L5973AD Datasheet HTML 19Page - STMicroelectronics E-L5973AD Datasheet HTML 20Page - STMicroelectronics E-L5973AD Datasheet HTML 21Page - STMicroelectronics E-L5973AD Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
L5973AD
Revision history
Doc ID 9552 Rev 9
21/22
9
Revision history
Table 9.
Document revision history
Date
Revision
Changes
December 2003
1
First Issue
January 2004
2
Migration to EDOCS
December 2004
3
Added D1 and E1 dimensions in HSOP8 package information.
November 2005
4
Updated the package information section.
14-Dec-2006
5
VCC value updated to 4V in Table 4 on page 5, the document has
been reformatted.
15-Jan-2007
6
Modified VCC value in Table 4 on page 5, added part number for C1
Table 6 on page 14.
11-Oct-2007
7
Updated Table 6: Component List on page 14
24-Oct-2007
8
Updated Table 7 on page 19
01-Nov-2009
9
Updated Table 7 on page 19 and Table 4 on page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com