Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEVFK2A331M Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEVFK2A331M
Description  Aluminum Electrolytic Capacitors/ FK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVFK2A331M Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEVFK2A331M Datasheet HTML 1Page - Panasonic Semiconductor EEVFK2A331M Datasheet HTML 2Page - Panasonic Semiconductor EEVFK2A331M Datasheet HTML 3Page - Panasonic Semiconductor EEVFK2A331M Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FK
– EE65 –
■ Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(100 kHz)
(+105 °C)
Impedance
(100 kHz)
(+20 °C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
( )(pcs)
35
4.7
4
5.8
B
90
1.35
0.12
EEEFK1V4R7R
(1)
2000
10
45.8
(B)
90
1.35
0.12
EEEFK1V100UR
(1)
2000
55.8
C
160
0.70
0.12
EEEFK1V100R
(1)
1000
22
5
5.8
C
160
0.70
0.12
EEEFK1V220R
(1)
1000
33
6.3
5.8
D
240
0.36
0.12
EEEFK1V330P
(1)
1000
47
6.3
5.8
D
240
0.36
0.12
EEEFK1V470P
(1)
1000
68
6.3
7.7
D8
280
0.34
0.12
EEEFK1V680XP
(1)
900
100
6.3
7.7
D8
280
0.34
0.12
EEEFK1V101XP
(1)
900
810.2
F
600
0.16
0.12
EEEFK1V101P
(2)
500
150
8
10.2
F
600
0.16
0.12
EEEFK1V151P
(2)
500
220
8
10.2
F
600
0.16
0.12
EEEFK1V221P
(2)
500
330
10
10.2
G
850
0.08
0.12
EEEFK1V331P
(2)
500
470
12.5
13.5
H13
1100
0.06
0.12
EEVFK1V471Q
(3)
200
680
12.5
13.5
H13
1100
0.06
0.12
EEVFK1V681Q
(3)
200
1000
16
16.5
J16
1800
0.035
0.12
EEVFK1V102M
(3)
125
1500
16
16.5
J16
1800
0.035
0.12
EEVFK1V152M
(3)
125
50
4.7
4
5.8
B
60
2.90
0.10
EEEFK1H4R7R
(1)
2000
10
55.8
(C)
85
1.52
0.10
EEEFK1H100UR
(1)
1000
6.3
5.8
D
165
0.88
0.10
EEEFK1H100P
(1)
1000
22
6.3
5.8
D
165
0.88
0.10
EEEFK1H220P
(1)
1000
33
6.3
7.7
D8
195
0.68
0.10
EEEFK1H330XP
(1)
900
86.2
E
195
0.68
0.10
EEEFK1H330P
(2)
1000
47
6.3
7.7
D8
195
0.68
0.10
EEEFK1H470XP
(1)
900
86.2
E
195
0.68
0.10
EEEFK1H470P
(2)
1000
100
8
10.2
F
350
0.34
0.10
EEEFK1H101P
(2)
500
150
10
10.2
G
6700.18
0.10
EEEFK1H151P
(2)
500
220
10
10.2
G
6700.18
0.10
EEEFK1H221P
(2)
500
330
12.5
13.5
H13
900
0.120.10
EEVFK1H331Q
(3)
200
390
12.5
13.5
H13
900
0.120.10
EEVFK1H391Q
(3)
200
470
16
16.5
J16
1610
0.073
0.10
EEVFK1H471M
(3)
125
560
16
16.5
J16
1610
0.073
0.10
EEVFK1H561M
(3)
125
680
16
16.5
J16
1610
0.073
0.10
EEVFK1H681M
(3)
125
1000
16
16.5
J16
1610
0.073
0.10
EEVFK1H102M
(3)
125
63
4.7
5
5.8
C
50
3.00
0.08
EEEFK1J4R7R
(1)
1000
10
6.3
5.8
D
801.50
0.08
EEEFK1J100P
(1)
1000
22
6.3
7.7
D8
1201.20
0.08
EEEFK1J220XP
(1)
900
86.2
E
120
1.20
0.08
EEEFK1J220P
(2)
1000
33
8
10.2
F
2500.65
0.08
EEEFK1J330P
(2)
500
47
8
10.2
F
2500.65
0.08
EEEFK1J470P
(2)
500
68
8
10.2
(F)
2500.65
0.08
EEEFK1J680UP
(2)
500
100
10
10.2
G
4000.35
0.08
EEEFK1J101P
(2)
500
150
12.5
13.5
H13
800
0.16
0.08
EEVFK1J151Q
(3)
200
220
12.5
13.5
H13
800
0.16
0.08
EEVFK1J221Q
(3)
200
470
16
16.5
J16
1410
0.082
0.08
EEVFK1J471M
(3)
125
680
18
16.5
K16
1690
0.08
0.08
EEVFK1J681M
(3)
125
80
3.3
5
5.8
C
25
5.00
0.08
EEEFK1K3R3R
(1)
1000
4.7
6.3
5.8
D
40
3.00
0.08
EEEFK1K4R7P
(1)
1000
10
6.3
7.7
D8
60
2.40
0.08
EEEFK1K100XP
(1)
900
86.2
E
60
2.40
0.08
EEEFK1K100P
(2)
1000
22
8
10.2
F
1301.30
0.08
EEEFK1K220P
(2)
500
33
8
10.2
F
1301.30
0.08
EEEFK1K330P
(2)
500
47
10
10.2
G
200
0.70
0.08
EEEFK1K470P
(2)
500
68
12.5
13.5
H13
500
0.32
0.08
EEVFK1K680Q
(3)
200
100
12.5
13.5
H13
500
0.32
0.08
EEVFK1K101Q
(3)
200
150
12.5
13.5
H13
500
0.32
0.08
EEVFK1K151Q
(3)
200
330
16
16.5
J16
793
0.17
0.08
EEVFK1K331M
(3)
125
470
18
16.5
K16
917
0.153
0.08
EEVFK1K471M
(3)
125
✽ Size code( ):Miniaturization product
The taping dimensions are explained on EE188 of our Catalog.
Please use it as a reference guide.
Reflow Profile(Fig-1 to Fig-8) listed on EE186 of our Catalog.
Endurance : 105 °C 2000 h (
> φ12.5 : 5000 h)
Sep. 2010
00



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com