Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDTA113 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTA113
Description  PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA113 Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTA113 Datasheet HTML 1Page - Diodes Incorporated DDTA113 Datasheet HTML 2Page - Diodes Incorporated DDTA113 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30343 Rev. 2 - 2
2 of 3
DDTA (R1-ONLY SERIES) KA
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-50
¾¾
V
IC = -50
mA
Collector-Emitter Breakdown Voltage
BVCEO
-50
¾¾
V
IC = -1mA
Emitter-Base Breakdown Voltage
BVEBO
-5
¾
¾
V
IE = -50
mA
Collector Cutoff Current
ICBO
¾¾
-0.5
mA
VCB = -50V
Emitter Cutoff Current
IEBO
¾¾
-0.5
mA
VEB = -4V
Collector-Emitter Saturation Voltage
VCE(sat)
¾¾
-0.3
V
IC/IB = -10mA/-1mA
DDTA113TKA
IC/IB = -5mA/-0.5mA
DDTA123TKA
IC/IB = -2.5mA/-.25mA DDTA143TKA
IC/IB = -1mA/-.1mA
DDTA114TKA
IC/IB = -5mA-/0.5mA
DDTA124TKA
IC/IB = -2.5mA/-.25mA DDTA144TKA
IC/IB = -1mA/-0.1mA
DDTA115TKA
IC/IB = -.5mA/-.05mA
DDTA125TKA
DC Current Transfer Ratio
hFE
100
250
600
¾
IC = -1mA, VCE = -5V
Input Resistor (R1) Tolerance
DR1
-30
¾
+30
%
¾
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = -10V, IE = 5mA,
f = 100MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
* Transistor - For Reference Only
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
NP
R
S
T
UV
W
Date Code Key
XXX = Product Type Marking Code
See Sheet 1 Diagrams
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
XXX
Marking Information
Device
Packaging
Shipping
DDTA113TKA-7
SC-59
3000/Tape & Reel
DDTA123TKA-7
SC-59
3000/Tape & Reel
DDTA143TKA-7
SC-59
3000/Tape & Reel
DDTA114TKA-7
SC-59
3000/Tape & Reel
DDTA124TKA-7
SC-59
3000/Tape & Reel
DDTA144TKA-7
SC-59
3000/Tape & Reel
DDTA115TKA-7
SC-59
3000/Tape & Reel
DDTA125TKA-7
SC-59
3000/Tape & Reel
Notes:
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
(Note 2)
Ordering Information



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com