Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4182 Datasheet(PDF) 2 Page - NEC

Part # 2SC4182
Description  UHF/VHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4182 Datasheet(HTML) 2 Page - NEC

  2SC4182 Datasheet HTML 1Page - NEC 2SC4182 Datasheet HTML 2Page - NEC 2SC4182 Datasheet HTML 3Page - NEC 2SC4182 Datasheet HTML 4Page - NEC 2SC4182 Datasheet HTML 5Page - NEC 2SC4182 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC4182
2
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
TA - Ambient Temperature - ˚C
Free Air
200
150
100
50
0
50
100
150
VCE - Collector to Emitter Voltage - V
24
20
16
12
8
4
0
5
10
15
20
25
30
200 A
180 A
160 A
140 A
120 A
100 A
50 A
80 A
40 A
IB = 20 A
IC - Collector Current - mA
0.1
100
VCB - Collector to Base Voltage - V
0.3
1
30
200
10
5
2
0.2
0.5 1.0 2.0
10 20
50
100
20
10
50
VCE = 3 V
VCE = 10 V
f = 1.0 MHz
3
10
1.0
0.5
0.2
0.1
GAIN BANDWIDTH PRODUCT vs.
EMITTER CURRENT
INSERTION GAIN vs.
COLLECTOR CURRENT
IC - Collector Current - mA
20
3
12
10
8
6
4
2
1
2
5
10
IC - Collector Current - mA
1
20
2
10
VCE = 3 V
VCE = 10 V
5
2
1
0.5
0.2
f = 400 MHz
VCE = 10 V
VCE = 3 V
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
DC CURRENT GAIN vs.
COLLECTOR CURRENT
OUTPUT CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com