Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EA033-R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EA033-R
Description  BEZEL FOR DOTMATRIX MODULES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EA033-R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EA033-R Datasheet HTML 1Page - List of Unclassifed Manufacturers EA033-R Datasheet HTML 2Page - List of Unclassifed Manufacturers EA033-R Datasheet HTML 3Page - List of Unclassifed Manufacturers EA033-R Datasheet HTML 4Page - List of Unclassifed Manufacturers EA033-R Datasheet HTML 5Page - List of Unclassifed Manufacturers EA033-R Datasheet HTML 6Page - List of Unclassifed Manufacturers EA033-R Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BEZELS
Page 4
Specifications may be changed without
prior notice. Printing error reserved
BEZELS FOR FRONTPANEL
DESIGN AND MOUNTING
STANDARD BEZELS WITH SCREWPINS M2,5
FOR LCD-MODULES FROM SERIES EA 11xx,
EA 21xx, EA 31xx, 41xx AND EA 61xx
(all dimensions in mm)
The bezels have two (EA 050-N: four) screwpins M2,5 for mounting the LCD-module on the frontpanel.
The delivery includes the matching nuts.
At 5 pcs off we can deliver these bezels (excl. EA 050-N) with pasted acrylicglass (thickness 1mm).
Ordering
viewing area
bezel size
cutout
mounting
matching module
information
A
B
C
D
E
F
G
EA 03
45,6
17,7
70,0 32,0
54,5
22,0
61 / M2,5
13mm 4digit
EA 08-N
62,2
22,6
87,0 36,6
72,7
28,2
80,3/ M2,5
18mm 4digit
EA 09
86,2
17,7
113,0 32,0
96,0
22,0
104 / M2,5
13mm 8digit
EA 050-N
160,0
56,0
189,0 73,0
173,2
62,3
180,3 x 61
50mm 4digit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com