Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7C0111S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D7C0111S
Description  1 7/8 DIAMETER 2.25 AMPS 28 VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D7C0111S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D7C0111S Datasheet HTML 1Page - List of Unclassifed Manufacturers D7C0111S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
SPECIFICATIONS
ELECTRICAL
Current and Voltage Rating: Make and break resistive load
2.25 amps @ 28 VDC; 1.0 amp @ 115 VAC.
Current Carrying Capacity: 9 amps.
Dielectric Strength: 1,500 VAC between current carrying parts and
ground.
Contact Resistance: Average initial 3 milliohms.
Insulation Resistance: Glass in excess of 750,000 megohms.
Ceramic in excess of 1,000,000 megohms.
Hardware: Mounting nut and lockwasher are shipped assembled.
SPECIFICATIONS AND ORDERING INFORMATION
D7 - SERIES
1 7/8" DIAMETER 2.25 AMPS @ 28 VDC
30
UNIT OF ELECTRO SWITCH CORP.
• ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
DIMENSIONS
STANDARD CONSTRUCTION
D7G - GLASS EPOXY CONSTRUCTION
* FIGURES ARE SHOWN ON PAGES 55 AND 56.
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS SECTION SECTIONS
SHORTING
*
GLASS EPOXY INSULATION
SWITCHES - 30
° INDEXING
ADJUSTABLE STOPS - SOLDER LUG TERMINALS - STOPS SET @ 2 POS.
STANDARD PART NUMBER
CERAMIC INSULATION
SWITCHES - 30
° INDEXING
ADJUSTABLE STOPS - SOLDER LUG TERMINALS - STOPS SET @ 2 POS.
MECHANICAL
Materials and Finishes: All parts utilize non-corrosive materials
as standard.
Clips and Rotors: Brass with silver plate as standard.
Insulation: Glass epoxy, or ceramic.
Index: Dual-ball, hill and valley design.
Index Life: 25,000 cycles minimum.
Index Torque: Switches have lowest practical torque consistent
with crisp detenting and smooth, reliable operation.
Index Angles: Positive 30
° standard, 60° available.
Index Stops: Adjustable standard, fixed or continuous.
Stop Strength: 25 in. lbs. minimum.
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS SECTION SECTIONS
SHORTING
*
The D7 Series, constructed with a dual-ball, hill and valley index, has in-
creased the physical size of the switch conductors allowing for additional
current carrying capabilities. Standard designs utilize glass epoxy or ceramic
insulations, solder lug terminals, and 30
° adjustable stop indexing.
* .500 FOR DESIGNS OF FIVE OR
MORE SECTIONS
01
02-11
1
1
D7G0111S
D7G0111N
DA
01
02-11
1
1
D7C0111S
D7C0111N
DA
02
02-11
1
2
D7G0211S
D7G0211N
DA
02
02-11
1
2
D7C0211S
D7C0211N
DA
02
02-05
2
1
D7G0205S
D7G0205N
DH
02
02-05
2
1
D7C0205S
D7C0205N
DH
03
02-11
1
3
D7G0311S
D7G0311N
DA
03
02-11
1
3
D7C0311S
D7C0311N
DA
03
02-03
3
1
D7G0303S
D7G0303N
DM
03
02-03
3
1
D7C0303S
D7C0303N
DM
04
02-11
1
4
D7G0411S
D7G0411N
DA
04
02-05
2
2
D7C0405S
D7C0405N
DH
04
02-05
2
2
D7G0405S
D7G0405N
DH
06
02-05
2
3
D7C0605S
D7C0605N
DH
05
02-11
1
5
D7G0511S
D7G0511N
DA
06
02-03
3
2
D7C0603S
D7C0603N
DM
06
02-05
2
3
D7G0605S
D7G0605N
DH
60
° INDEXING
06
02-03
3
2
D7G0603S
D7G0603N
DM
01
02-06
1
1
________
D7C0106N-60 DK
06
02-11
1
6
D7G0611S
D7G0611N
DA
02
02-06
1
2
________
D7C0206N-60 DK
08
02-05
2
4
D7G0805S
D7G0805N
DH
03
02-06
1
3
________
D7C0306N-60 DK
09
02-03
3
3
D7G0903S
D7G0903N
DM
04
02-06
1
4
________
D7C0406N-60 DK
10
02-05
2
5
D7G1005S
D7G1005N
DH
05
02-06
1
5
________
D7C0506N-60 DK


Similar Part No. - D7C0111S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D7C0111S ETC2-D7C0111S Datasheet
87Kb / 3P
1 7/8 DIAMETER 2.25 AMPS 28 VDC
More results

Similar Description - D7C0111S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D3G0111S ETC2-D3G0111S Datasheet
81Kb / 3P
1 5/16 DIAMETER 1.5 AMPS 28 VDC
D4G0111S ETC2-D4G0111S Datasheet
82Kb / 2P
1.437 DIAMETER 1.5 AMPS 28 VDC
D5G0106S ETC2-D5G0106S Datasheet
73Kb / 2P
1.437 DIAMETER 1.5 AMPS 28 VDC
D7G0111S ETC2-D7G0111S Datasheet
87Kb / 3P
1 7/8 DIAMETER 2.25 AMPS 28 VDC
D8G0117S ETC2-D8G0117S Datasheet
70Kb / 2P
2 5/16 DIAMETER 2.25 AMPS 28 VDC
D9G0123S ETC2-D9G0123S Datasheet
76Kb / 2P
2 5/16 DIAMETER 1.5 AMPS 28 VDC
E3G0402S-1 ETC2-E3G0402S-1 Datasheet
57Kb / 1P
1 1/2 DIAMETER 1.5 AMPS 28 VDC
E4C0117S ETC2-E4C0117S Datasheet
70Kb / 3P
2 13/16 DIAMETER 11.0 AMPS 28 VDC
D6D0112S ETC2-D6D0112S Datasheet
81Kb / 3P
1.687 DIAMETER 1.5 AMPS 28 VDC
M5D0112S-A ETC2-M5D0112S-A Datasheet
61Kb / 2P
1 DIAMETER 2.0 AMPS 28 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com