Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EA083-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EA083-R
Description  BEZEL FOR DOTMATRIX MODULES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EA083-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EA083-R Datasheet HTML 1Page - List of Unclassifed Manufacturers EA083-R Datasheet HTML 2Page - List of Unclassifed Manufacturers EA083-R Datasheet HTML 3Page - List of Unclassifed Manufacturers EA083-R Datasheet HTML 4Page - List of Unclassifed Manufacturers EA083-R Datasheet HTML 5Page - List of Unclassifed Manufacturers EA083-R Datasheet HTML 6Page - List of Unclassifed Manufacturers EA083-R Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BEZEL FOR
DOTMATRIX MODULES
Issue 1.2012
Zeppelinstraße 19 · D-82205 Gilching · Tel. +49-(0)8105-778090 · Fax: +49-(0)8105-778099 · www.lcd-module.de · info@lcd-module.de
BEZELS EA 017-XXU SERIES
These bezels give your equipment a professional design without extra tooling. The bezels are made
of black ABS-material (UL listed) with a scratch-resistant and structured surface. They include a snap-
in appliance for easy mounting of different 1 mm windows. They are available with glass or
acrylicglass window, both clear or antiglare version. The bezels are glued into the frontpanel of your
equipment.
bezel version
ordering information
without window
EA 017-xxU
clear acrylicglass
EA 017-xxUK
antiglare acrylicglass
EA 017-xxUKE
clear glass
EA 017-xxUG
antiglare glass
EA 017-xxUGE
BEZELS EA 017-XX SERIES
These bezels are similar in design (not UL listed), the surface is mat black coated. Acrylicglass
windows are available clear or antiglare.
bezel version
ordering information
without window
EA 017-xx
clear acrylicglass
EA 017-xxK
antiglare acrylicglass
EA 017-xxKE
EA 017-xxU


Similar Part No. - EA083-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EA017-2UKE ETC2-EA017-2UKE Datasheet
239Kb / 5P
LCD MODULE 1x8 - 11.48mm INCL. CONTROLLER HD 44780
EA017-2UKE ETC2-EA017-2UKE Datasheet
276Kb / 5P
LCD-MODULE 2x16 - 6.68mm INCL. CONTROLLER HD44780
logo
Sanken electric
EA03 SANKEN-EA03 Datasheet
14Kb / 1P
Schottky Barrier Diodes 30V
EA03 SANKEN-EA03 Datasheet
75Kb / 2P
Schottky Barrier Diodes
logo
MORNSUN Science& Techno...
EA0505S-1W MORNSUN-EA0505S-1W Datasheet
146Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - EA083-R

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
YM-23581CX FORYARD-YM-23581CX Datasheet
425Kb / 5P
DOTMATRIX DISPLAY
FYM-34581AX FORYARD-FYM-34581AX Datasheet
441Kb / 5P
DOTMATRIX DISPLAY
FYM-46581AXX FORYARD-FYM-46581AXX Datasheet
460Kb / 5P
DOTMATRIX DISPLAY
FYM-12881CXX FORYARD-FYM-12881CXX Datasheet
497Kb / 5P
DOTMATRIX DISPLAY
FYM-12882CXX FORYARD-FYM-12882CXX Datasheet
500Kb / 5P
DOTMATRIX DISPLAY
FYM-19881AXX FORYARD-FYM-19881AXX Datasheet
508Kb / 5P
DOTMATRIX DISPLAY
FYM-20881CX FORYARD-FYM-20881CX Datasheet
414Kb / 5P
DOTMATRIX DISPLAY
FYM-23881CXX FORYARD-FYM-23881CXX Datasheet
557Kb / 5P
DOTMATRIX DISPLAY
FYM-23882CX FORYARD-FYM-23882CX Datasheet
418Kb / 5P
DOTMATRIX DISPLAY
FYML-23881AXXX FORYARD-FYML-23881AXXX Datasheet
389Kb / 5P
DOTMATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com