Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAEVALEDIP128B Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # EAEVALEDIP128B
Description  OPERATING UNIT 160x104 with touch panel
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP128B Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button EAEVALEDIP128B Datasheet HTML 17Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 18Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 19Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 20Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 21Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 22Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 23Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 24Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
EAeDIP160-7
Page 21
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
DISPLAYGRAYSCALE
After the command 'ESC DG 1' the eDIP160 is in grayscale mode. Flashing is no longer possible,
instead the blink mode is used for two grayscales.
Gray colours are generated with the help of the flashing modes 'ESC ZB, UB, GB n1':
n1=0: Black
n1=1: Dark gray
n1=3: light gray
Within strings (ESC ZL, ZC, ZR...), gray characters can be used locally:
Text between two ‘~’ ($7E) are dark gray.
Text between two ‘&’ ($26) are light gray.
In addition rectangular areas can
be filled gray or black postly, with
the use of commands of flashing
areas ('ESC Q...').
DISPLAY BLINK MODE
After power on or the command 'ESC DG 0' the eDIP160 is in blink mode.
Two picture contents are alternatly shown in an adjustable period.
Blink attributs are set by the commands 'ESC ZB, UB, GB n1':
n1=0: no blink
n1=1: On/Off blink
n1=2: blink inverted
n1=3: Off/On blink (phase shifted)
Between strings ('ESC ZL,ZC,ZR. ..), flashing can be activated locally:
Strings between two ‘~’ ($7E) mean blink on/off.
Strings between two ‘&’ ($26) mean blink off/on phase shifted.
Strings between two '@' ($40) mean blink inverted.
In addition you can assign or delete postly an rectangle area a blink
mode, by using the command 'ESC Q...'
Macro:
MnAutoStart
#TA
;
Terminal
off
#AR
1
;
define
radiogroup
#AE
13
;
define
frame
#AF
CHICAGO14
;
define
touchlabelfont
#AK
20,30,
70,50,
1,0,
"BLINK" ;
place
button
„blink“
#AK
100,30,150,50,
2,0,
"GRAY"
;
place
button
„gray“
#ZF
SWISS30B
;
select
textfont
#ZC
45,35,
"~OnOff~|&OffOn&"
;
place
blink
text
#ZC
125,35,
"~dark~|&light&"
;
place
gray
text
TouchMacro:
1
;
Flashing
#DG
0
;
grayscalemode
off
->
flashing
possible
TouchMacro:
2
;
Grayscale
modus
#DG
1
;
grayscalemode
on
->
flashing
impossible
Example code of the hardcopys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com