Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAEVALEDIP240B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EAEVALEDIP240B
Description  embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP240B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EAEVALEDIP240B Datasheet HTML 1Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 2Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 3Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 4Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
EAeDIP240-7
Page 4
Specifications may be changed without
prior notice. Printing error reserved
SPEZIFICATION AND CHARACTERISTICS
Characteristics
Value
Condition
min.
typ.
max.
Unit
Operating
Temperature
-20
+70
°C
Storage Temperature
-30
+80
°C
Storage Humidity
< 40°C
90
%RH
Operating Voltage
4.5
5.0
5.5
V
Input Low Voltage
-0.5
0.2*VDD
V
Input High Voltage
Pin Reset only
0.9*VDD
VDD+0.5
V
Input High Voltage
except Reset
0.6*VDD
VDD+0.5
V
Input Leakage Current
Pin MOSI only
1
uA
Input Pull-up Resistor
20
50
kOhms
Output Low Voltage
0.7
V
Output High Voltage
4.0
V
Output Current
20
mA
Current
Backlight off
75
mA
Backlight on
210
mA
OUTPUT
Beginning with firmware V1.6 and the higher the EA eDIP240 is able to provide up to 7 digital output
for driving an external LED for example.
Depending on the choosen interface mode RS232, SPI or I2C all non used
configuration pins can be used as separate output lines. All lines used for output (open drain with
internal pull-up) are like 1=HIGH level for interface mode configuration.
Each output can be set by command ‘ESC YW n1 n2’ individually. Maximum current is 10mA per line.
Because of internal pull-up construction the max. current is valid for L level only. So theoretically each
line is able drive a LED direct. Larger current need to be amplified by use of a transistor or MOSFET.
Relation Output <-> Pin No.
Output
No.
RS232/RS422
SPI
I2C
Pin No. Symbol Pin No. Symbol Pin No. Symbol
OUT1
6
BAUD0
10
DORD
6
BA0
OUT2
7
BAUD1
12
OUT2
7
BA1
OUT3
8
BAUD2
13
DPOM
8
SA0
OUT4
9
ADR0
14
CPOL
9
SA1
OUT5
13
DPOM
15
CPHA
10
SA2
OUT6
14
ADR1
11
BA2
OUT7
15
ADR2
13
DPOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com