Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF01S Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DF01S
Description  1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF01S Datasheet(HTML) 1 Page - Diodes Incorporated

  DF01S Datasheet HTML 1Page - Diodes Incorporated DF01S Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS17001 Rev. H-2
1 of 2
DF005S-DF10S
Characteristic
Symbol
DF
005S
DF
01S
DF
02S
DF
04S
DF
06S
DF
08S
DF
10S
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRMM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Average Forward Rectified Current
@ TA = 40°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current, 8.3 ms
single half-sine-wave superimposed on rated load
(JEDEC method)
IFSM
50
A
Forward Voltage (per element)
@ IF = 1.0A
VFM
1.1
V
Peak Reverse Current at Rated
@ TA = 25°C
DC Blocking Voltage (per element)
@ TA = 125°C
IRM
10
500
µA
I2t Rating for Fusing (t<8.3ms)
I2t
10.4
A2s
Typical Junction Capacitance (per element) (Note 1)
Cj
25
pF
Typical Thermal Resistance, Junction to Ambient
(Note 2)
RqJA
40
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +150
°C
DF005S - DF10S
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
RECTIFIER
Features
·
Case: Molded Plastic
·
Terminals: Solder Plated Leads, Solderable
per MIL-STD-202, Method 208
·
Polarity: As marked on Case
·
Approx. Weight: 0.38 grams
·
Mounting Position: Any
·
Marking: Type Number
Mechanical Data
Notes:
1. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V DC.
2. Thermal resistance, junction to ambient, measured on PC board with 5.0mm2 (0.03mm thick) land areas.
·
Glass Passivated Die Construction
·
Diffused Junction
·
Low Forward Voltage Drop, High Current
Capability
·
Surge Overload Rating to 50A Peak
·
Designed for Surface Mount Application
·
Plastic Material - UL Flammability
Classification 94V-0
·
UL Listed Under Recognized Component Index,
File Number E94661
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
A B
C
D E
G
H
J
L
K
DF-S
Dim
Min
Max
A
7.40
7.90
B
6.20
6.50
C
0.22
0.30
D
0.076
0.33
E
—
10.40
G
1.02
1.53
H
8.13
8.51
J
2.40
2.60
K
5.00
5.20
L
1.00
1.20
All Dimensions in mm


Similar Part No. - DF01S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF01S WTE-DF01S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
DF01S ZOWIE-DF01S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
DF01S JGD-DF01S Datasheet
137Kb / 2P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
DF01S SSE-DF01S Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
logo
Fairchild Semiconductor
DF01S FAIRCHILD-DF01S Datasheet
33Kb / 3P
1.5 Ampere Bridge Rectifiers
More results

Similar Description - DF01S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF005S DIODES-DF005S_1 Datasheet
88Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17001 Rev. 13 - 2
logo
Won-Top Electronics
DF005S WTE-DF005S_06 Datasheet
78Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF01S-TF DIODES-DF01S-TF Datasheet
84Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
DF005S DIODES-DF005S_15 Datasheet
142Kb / 5P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 16
logo
DONGGUAN YOU FENG WEI E...
FTB1F-ABF YFWDIODE-FTB1F-ABF Datasheet
482Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
ABS05-1A ZSELEC-ABS05-1A Datasheet
91Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
S1WB05 ZSELEC-S1WB05 Datasheet
102Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
B40C800DM ZSELEC-B40C800DM Datasheet
77Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com