Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EASER162-NLED Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EASER162-NLED
Description  THE SERIALS DOTMATRIX DISPLAYS WITH RS-232
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EASER162-NLED Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EASER162-NLED Datasheet HTML 1Page - List of Unclassifed Manufacturers EASER162-NLED Datasheet HTML 2Page - List of Unclassifed Manufacturers EASER162-NLED Datasheet HTML 3Page - List of Unclassifed Manufacturers EASER162-NLED Datasheet HTML 4Page - List of Unclassifed Manufacturers EASER162-NLED Datasheet HTML 5Page - List of Unclassifed Manufacturers EASER162-NLED Datasheet HTML 6Page - List of Unclassifed Manufacturers EASER162-NLED Datasheet HTML 7Page - List of Unclassifed Manufacturers EASER162-NLED Datasheet HTML 8Page - List of Unclassifed Manufacturers EASER162-NLED Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
THE SERIALS
DOTMATRIX DISPLAYS WITH RS-232
Issue 6.2012
Zeppelinstr. 19 · D-82205 Gilching · Phone +49-8105-77 80 90 · Fax +49-8105-77 80 99 · www.lcd-module.de · info@lcd-module.de
FEATURES
* 32 DIFFERENT SIZES OF DISPLAYS AVAILABLE (1x8 UP TO 16x40)
* SUPPLY VOLTAGE +5V OR OPTIONAL 9..35V1)
* INCL. LED-ILLUMINATION SWITCHABLE BY MEANS OF SOFTWARE
* 25 DISPLAYS WITH YELLOW/GREEN LED-BACKLIGHT
* 7 DISPLAYS WITH LOW POWER WHITE LED-BACKLIGHT
* 3 DISPLAYS WITH SNAP IN HOUSING
* HIGH CONTRAST SUPERTWIST LCD
* INCL. FRONTAL BEZEL WITH ANTIGLARE GLASS2)
* AUTOMATIC LINE MANAGEMENT
* CR / LF / SCROLL / CURSOR POSITIONING
* BAUDRATE SETTING BY JUMPER: 300, 1200, 2400 OR 9600 BAUD
* POTI FOR CONTRAST ADJUSTMENT ON BOARD
* MULTIPLE DISPLAYS ON SINGLE RS-232C
OPTIONS
* SUPPLY +9..35V= INSTEAD OF +5V=
EA OPT-9/35V1)
* RS-422 INTERFACE INSTEAD OF RS-232 (STANDARD)
EA OPT-RS4221)
* DIP-SWITCH FOR ADDRESS INSTEAD OF SOLDERBRIDGE
EA OPT-DIP61)
ACCESSORIES
* CABLE WITH 9-PIN D-SUB FEMALE PLUG FOR PC
EA KV24-9B
1) not available with SER308, SER408, SER3016 and SER4016
2) not available with SER082-C, SER204-4, SER242-B, SER3016 and SER4016
TheS
erial
s
EA SER162-92NLED
with snap in housing
Accessories:
cable EA KV24-9B
length: 1,50 m


Similar Part No. - EASER162-NLED

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
EAS CARLOGAVAZZI-EAS Datasheet
110Kb / 2P
Timers Delay on Operate Type EAS
logo
Panasonic Semiconductor
EAS-45P30S PANASONIC-EAS-45P30S Datasheet
141Kb / 4P
General Speaker
EAS-4D02CO PANASONIC-EAS-4D02CO Datasheet
141Kb / 4P
General Speaker
EAS-4P15SA PANASONIC-EAS-4P15SA Datasheet
141Kb / 4P
General Speaker
EAS-6P22S PANASONIC-EAS-6P22S Datasheet
141Kb / 4P
General Speaker
More results

Similar Description - EASER162-NLED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWD232 ETC1-HWD232 Datasheet
300Kb / 4P
5V RS-232
logo
Exar Corporation
SP339E EXAR-SP339E Datasheet
1Mb / 21P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
logo
Analog Devices
ADM2209E AD-ADM2209E_15 Datasheet
146Kb / 12P
Dual RS-232 Port with Standby
REV. 0
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
logo
Moxa Inc.
DA-682A-UART MOXA-DA-682A-UART Datasheet
813Kb / 3P
Expansion modules with RS-232/422/485 and RS-232/485 serial ports
logo
Pepperl+Fuchs Inc.
KFD2-FF-EX2.RS232 PF-KFD2-FF-EX2.RS232 Datasheet
1Mb / 4P
RS 232 Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com