Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXII-ASIC-C Datasheet(PDF) 4 Page - 3M Electronics

Part # EXII-ASIC-C
Description  EX II Series Capacitive Touch System Electronics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EXII-ASIC-C Datasheet(HTML) 4 Page - 3M Electronics

  EXII-ASIC-C Datasheet HTML 1Page - 3M Electronics EXII-ASIC-C Datasheet HTML 2Page - 3M Electronics EXII-ASIC-C Datasheet HTML 3Page - 3M Electronics EXII-ASIC-C Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3M Touch Systems
300 Griffin Brook Park Drive
Methuen, MA 01844
U.S.A.
1-888-659-1080
www.3M.com/touch
For more information
on 3M touch products,
call toll-free 1-888-659-1080
RoHS Directive compliant: In accordance with European Directive 2002/95/EC, “RoHS Directive compliant” means that the product or part does not contain any of the following sub-
stances in excess of the following maximum concentration values in any homogeneous material, unless the substance is in an application that is exempt under RoHS: (a) 0.1% (by weight)
for lead, mercury, hexavalent chromium, polybrominated biphenyls or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing, this
information represents 3M’s knowledge and belief based on information provided by third party suppliers to 3M. (9/06)
NOTICE: Given the variety of factors that can affect the use and performance of a 3M Touch Systems Product (the “Product”), including that solid state equipment has operation char-
acteristics different from electro mechanical equipment, some of which factors are uniquely within User’s knowledge and control, it is essential that User evaluate the 3M Touch Systems
Product and software to determine whether it is suitable for User’s particular purpose and suitable for User’s method of application. 3M Touch Systems’ statements, engineering/technical
information, and recommendations are provided for User’s convenience, but their accuracy or completeness is not warranted. 3M Touch Systems products and software are not specifically
designed for use in medical devices as defined by United States federal law. 3M Touch Systems products and software should not be used in such applications without 3M Touch Systems’
express written consent. User should contact its sales representative if User’s opportunity involves a medical device application.
IMPORTANT NOTICE TO PURCHASER: Specifications are subject to change without notice. These 3M Touch Systems’ Products and software are warranted to meet their published
specifications from the date of shipment and for the period stated in the specification. 3M Touch Systems makes no additional warranties, express or implied, including but not limited to
any implied warranties of merchantability or fitness for a particular purpose. User is responsible for determining whether the 3M Touch Systems Products and software are fit for User’s par-
ticular purpose and suitable for its method of production, including intellectual property liability for User’s application. If the Product, software or software media is proven not to have met
3M Touch Systems’ warranty, then 3M Touch Systems’ sole obligation and User’s and Purchaser’s exclusive remedy, will be, at 3M Touch Systems’ option, to repair or replace that Product
quantity or software mediator to refund its purchase price. 3M Touch Systems has no obligation under 3M Touch Systems’ warranty for any Product, software or software media that has
been modified or damaged through misuse, accident, neglect, or subsequent manufacturing operations or assemblies by anyone other than 3M Touch Systems. 3M Touch Systems shall
not be liable in any action against it in any way related to the Products or software for any loss or damages, whether non-specified direct, indirect, special, incidental or consequential
(including downtime, loss of profits or goodwill) regardless of the legal theory asserted. (7/02)
MicroTouch and ClearTek are trademarks of 3M.
Printed in USA
© 3M 2008
EXII-08-08



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com