Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTY05N100 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTY05N100
Description  High Voltage Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY05N100 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTY05N100 Datasheet HTML 1Page - IXYS Corporation IXTY05N100 Datasheet HTML 2Page - IXYS Corporation IXTY05N100 Datasheet HTML 3Page - IXYS Corporation IXTY05N100 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2009 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1000
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
1000
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C
750
mA
I
DM
T
C = 25°C, pulse width limited by TJM
3A
I
A
T
C = 25°C1
A
E
AS
T
C = 25°C
100
mJ
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ =150°C
3
V/ns
P
D
T
C = 25°C40
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10s
260
°C
F
C
Mounting force
1.13 / 10
Nm/lb.in.
Weight
TO-251
0.40
g
TO-252
0.35
g
DS100102(01/09)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
1000
V
V
GS(th)
V
DS = VGS, ID = 250μA
2.5
4.5
V
I
GSS
V
GS = ± 30V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS
25
μA
V
GS = 0V
T
J = 125°C
500
μA
R
DS(on)
V
GS = 10V, ID = 375mA, Note 1
17
Ω
High Voltage
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
IXTU05N100
IXTY05N100
V
DSS
= 1000V
I
D25
= 750mA
R
DS(on) ≤
≤≤≤≤ 17Ω
Ω
Ω
Ω
Ω
Features
International standard packages
Fast switching times
Avalanche Rated
Rugged polysilicon gate cell structure
Extended FBSOA
Applications
Switch-mode and resonant-mode
power supplies
Flyback inverters
DC choppers
Advantages
High power density
Space savings
G = Gate
D
= Drain
S = Source
TAB = Drain
TO-252
D (TAB)
S
G
TO-251
D
S
G
D (TAB)


Similar Part No. - IXTY05N100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTY05N100 IXYS-IXTY05N100 Datasheet
165Kb / 6P
N-Channel Enhancement Mode Power MOSFET
logo
Inchange Semiconductor ...
IXTY05N100 ISC-IXTY05N100 Datasheet
307Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTY05N100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH6N120 IXYS-IXTH6N120 Datasheet
590Kb / 4P
High Voltage Power MOSFET
IXTT1N450HV IXYS-IXTT1N450HV Datasheet
156Kb / 5P
High Voltage Power MOSFET
IXTF02N450 IXYS-IXTF02N450 Datasheet
161Kb / 5P
High Voltage Power MOSFET
IXTF1N450 IXYS-IXTF1N450 Datasheet
158Kb / 5P
High Voltage Power MOSFET
IXTF03N400 IXYS-IXTF03N400 Datasheet
155Kb / 4P
High Voltage Power MOSFET
IXTJ6N150 IXYS-IXTJ6N150 Datasheet
156Kb / 5P
High Voltage Power MOSFET
IXFT12N100QHV IXYS-IXFT12N100QHV Datasheet
205Kb / 5P
High Voltage Power MOSFET
IXTY02N50D IXYS-IXTY02N50D_17 Datasheet
213Kb / 4P
High Voltage Power MOSFET
IXTH1N300P3HV IXYS-IXTH1N300P3HV Datasheet
220Kb / 5P
High Voltage Power MOSFET
2014
IXTT1N450HV IXYS-IXTT1N450HV_V01 Datasheet
219Kb / 6P
High Voltage Power MOSFET
04/14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com