Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB960L51 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB960L51
Description  Choice of logic and output driver circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB960L51 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB960L51 Datasheet HTML 1Page - OPTEK Technologies OPB960L51 Datasheet HTML 2Page - OPTEK Technologies OPB960L51 Datasheet HTML 3Page - OPTEK Technologies OPB960L51 Datasheet HTML 4Page - OPTEK Technologies OPB960L51 Datasheet HTML 5Page - OPTEK Technologies OPB960L51 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C.1 1/10
Page 2 of 6
Photologic
®
Slotted Optical Switch
OPB960, OPB970, OPB980, OPB990 Series
OPTEK reserves the right to make any changes at any time in order to improve design and to supply the best product possible.
Lead No.
Function
1
Anode
2
Cathode
3
Vcc
4
Output
5
Ground
TABLE 1
PACKAGE OUTLINE for OPB960 and OPB970 Series
APERTURE WIDTH GUIDE
CODE
LED
SENSOR
55
.050” [1.27mm]
.050” [1.27mm]
51
.050” [1.27mm]
.010” [0.25mm]
11
.010” [0.25mm]
.010” [0.25mm]
Lengths are .050” [1.27mm]
Notes:
(1) RMA flux recommended. Duration can be extended to 10 seconds max.
(2) Feature controlled at body.
(3) Highly activated water soluble fluxes may attack plastic. Recommend trial to verify application.
(4) Maximum lead soldering temperature [1.6mm from case for 5 seconds with soldering iron] 260° C.
(5) Cathode lead may be shorter.
(6) Part number marking may be on any side.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com