Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP-DSG2 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DP-DSG2
Description  SOLDERING, DESOLDERING AND REWORK SYSTEMS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP-DSG2 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DP-DSG2 Datasheet HTML 17Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 18Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 19Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 20Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 21Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 22Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 23Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 24Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
page
19
SP200
page
18
SP200
SP200
Economical Soldering System Cuts Costs, Not Cor ners
The SP200 Soldering System is the most cost-effective and easiest to use compact soldering system
available today.
For flawless soldering, technicians need only select the correct tip car tridge, inser t it into the hand-
piece and switch on. As the unit works at a lower temperature than a conventional iron and requires
no calibration, operators always apply the correct level of thermal energy needed to produce solder
joints of the highest quality without risking component or PCB damage.
In addition, the system’s design is extremely reliable, with ver y few par ts that ever need repairing,
ensuring that the SP200 Soldering System is practically maintenance-free.
Metcal’s SP200 Soldering System, for through-hole soldering and SMT touch-up, is designed to
perfectly complement our MX-500 Soldering, Desoldering & Rework System.
SP200 Soldering System
Tip Car tridges F o r Soldering Applications
The SP200
Soldering System ’s tip car tridges are designed to suit a wide range of soldering applications.
For optimum performance, operators should select the tip that allows maximum contact with the work
surface. We suggest that you star t with a 600 series tip car tridge.
SP200 SOLDER TIP C ARTRIDGES
500 SERIES X =5
600 SERIES X =6
700 SERIES X =7
Part No.
Description
SP200-11
115 VAC Soldering System
SP200-21
220/240 VAC Soldering System*
*220/240 VAC system does not include power cords
A CCESSORIES & SPARE PARTS
SP-PW1-10
Power Supply with Power Cord
SP-PW1-20
Power Supply with Power Cord*
AC-CP2
Cartridge Removal Pad
AC-YS3-P
Workstand Sponge (Pack of 50)
AC-BRUSH-P
Soft Brass Brush Cleaner (Pack of 6)
AC-TCASE
Tip Case (holds 10 tips)**
AC-TSTAND
Tip Stand
SP-HC1
ESD Solder Handle W/CP2 for SP200 Systems
SP-OR
O-Ring Replacement Kit
SP-WSK1
SP Workstand with YS3 Sponge
SP-CRADLE
Universal Cradle
*220/240 VAC system does not include power cords
**Tips not included
SP200 SOLDERING SYSTEM
System Includes Power Supply With Power Cord*, Hand-Piece With
Cord, Workstand With Sponge And Cartidge Removal Pad
SSC -X 17A
Extra L arge Chisel
.21” (5.3mm)
SSC -X 13A
Chisel 90º
.13” (3.3mm)
SSC -X 46A
Long Reach Chisel
.12” (3.0mm)
SSC -X 36A
Chisel 30º
.10” (2.5mm)
SSC -X 42A
Long Reach Chisel 60º
.07” (1.78mm)
SSC -X 70A
Long Chisel
.07” (1.78mm)
SSC -X 37A
Chisel 30º
.07” (1.78mm)
SSC -X 38A
Chisel 30º
.06” (1.5mm)
SSC -X 25A
Chisel 30º
.04” (1.0mm)
SSC -X 74A
Conical Sharp
.055” (1.4mm)
SSC -X 01A
Conical Sharp
.04” (1.0mm)
.40"
.21"
5.3mm
10mm
SSC -X 22A
Conical Sharp
.02” (0.51mm)
SSC -X 72A
Conical Chisel
.07” (1.78mm)
SSC -X 71A
Conical Chisel
.04” (1.0mm)
SSC -X 54A
Sharp Bent 30º
.02” (0.51mm)
SSC -X 26A
Sharp Bent 30º
.02” (0.51mm)
SSC -X 47A
Bevel 60º
.07” (1.78mm)
SSC -X 45A
Bevel 60º
.016” (0.4mm)
SSC -X 67A
Drag Soldering Tip
(Mini-Hoof)
SSC -X 61A
Drag Soldering Tip
(Knife)
SSC -X 39A
Drag Soldering Tip
(Hoof)
SSC -X 73A
Drag Soldering Tip
(Increased Tinned
Area, .24” 6.1mm)
.30"
.13"
7.6mm
3.3mm
.65"
.12"
3.0mm
16.5mm
.10"
.39"
2.5mm
9.9mm
.63"
.07"
1.78mm
16mm
.65"
.07"
1.78mm
16.5mm
.40"
.07"
9.9mm
1.78mm
.40"
1.5mm
10mm
.06"
.43"
1.0mm
.04"
11mm
15mm
.055"
.590"
1.4mm
.04"
.60"
1.0mm
15.2mm
.45"
0.51mm
.02"
11.4mm
.39"
.07"
9.9mm
1.78mm
.36"
.04"
1.0mm
9.1mm
.73"
.02"
.51mm
18.5mm
.45"
.02"
0.51mm
11.4mm
.07"
14.2mm
60
°
1.78mm
.56"
.75"
.016"
0.4mm
19mm
.70"
.05"
17.8mm
1.27mm
.64"
45º
.02"
.18"
16.25mm
0.5mm
4.5mm
.70"
.016"
17.8mm
2.3mm
.64"
45º
.02"
.18"
16.25mm
0.5mm
4.5mm
.24"
6.1mm
SP200 Soldering System
22/11/01
2:45 pm
Page 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com