Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPM2000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DPM2000
Description  3 Digit LCD Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPM2000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DPM2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers DPM2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS All dimensions in mm (inches)
Required F.S.R.
Ra
Rb
2V
Note
910k
100k
20V
Note
1M
10k
200V
Note
1M
1k
2kV
Note
1M
100R
200 A
link
1k
2mA
link
100R
20mA
link
10R
200mA
link
1R
µ
15mm (0.6“) Digit Height
Programmable Decimal Points
Auto-zero
Auto-polarity
200mV d.c. Full Scale Reading (F.S.R.)
Single Rail Version
DPM 2000
3
½ Digit LCD Module
The DPM 2000 uses advanced components and construction techniques to provide an unrivalled combination of high performance,
elegant appearance and low cost. The module uses a bandgap reference for extra temperature stability. For single rail operation, the
DPM 2000S features a built-in negative rail generator, enabling the meter to measure a signal referenced to its own power supply 0V.
Specification
Min.
Typ.
Max.
Unit
Accuracy (overall error) *
0.05
0.1
% (±1 count)
Linearity
±1
count
Sample rate
3
samples/sec
Operating temperature range
0
50
°C
Temperature s
30
ppm/°C
Supply
DPM 2000
7.5
9
14
(V+ to V-)
DPM 2000S
3.5
5
6.5
V
Supply current
DPM 2000
150
DPM 2000S
500
A
Input leakage current (Vin = 0V)
1
10
pA
* To ensure maximum accuracy, re-calibrate periodically.
tability
voltage
µ
Stock Number
Standard Meter
DPM 2000
Single Rail Version
DPM 2000S
ON BOARD
SOLDER LINKS
SCALING RESISTORS
SCALING
NOTE
67.5 (2.66)
60.0 (2.36)
53.0 (2.09)
62.5 (2.46)
Ø2.50
(0.10)
cd e
fg
Display in TEST mode
a. 1.00 (0.04)
b. 9.00 (0.35)
c. 1.25 (0.05)
d. 5.50 (0.22)
e. 4.00 (0.16)
f. 0.50 (0.02)
g. 2.54 (0.10)
LMP
8
13
12
H5
9
6
14
11 4 2 7
5
1
3
10
Rb
Ra
Two resistors Ra and Rb may be fitted in order to alter
the full scale reading (F.S.R) of the meter - see table.
The meter will need re-calibration.
Ensure that link 10 is open if fitting Ra.
SAFETY
To comply with the Low Voltage Directive (LVD 93/68/EEC), input voltages to the module’s pins must not exceed 60Vdc. If voltages to the measuring
inputs do exceed 60Vdc, then fit scaling resistors externally to the module. The user must ensure that the incorporation of the DPM into the user’s
equipment conforms to the relevant sections of BS EN 61010 (Safety Requirements for Electrical Equipment for Measuring, Control and Laboratory Use).
72.0 (2.83)
ab


Similar Part No. - DPM2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPM2 ETC1-DPM2 Datasheet
53Kb / 2P
3 1/2 Digit Subminiature LCD Module
logo
XP Power Limited
DPM24 XPPOWER-DPM24 Datasheet
66Kb / 1P
Diode Protection Module
DPM24D XPPOWER-DPM24D Datasheet
66Kb / 1P
Diode Protection Module
logo
Cornell Dubilier Electr...
DPM2P15K-F CDE-DPM2P15K-F Datasheet
264Kb / 2P
Polypropylene Film Capacitors Great for High Frequency Switching Power Supplies
DPM2P15K-F CDE-DPM2P15K-F Datasheet
264Kb / 3P
Great for High Frequency Switching Power Supplies
More results

Similar Description - DPM2000

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
logo
List of Unclassifed Man...
DPM2 ETC1-DPM2 Datasheet
53Kb / 2P
3 1/2 Digit Subminiature LCD Module
logo
UMC Corporation
UM3273 UMC-UM3273 Datasheet
695Kb / 9P
3 1/2 - DIGIT MULTIPLEXED LCD ALARM CLOCK
logo
List of Unclassifed Man...
DPM500-BL ETC2-DPM500-BL Datasheet
116Kb / 2P
3쩍 Digit Backlit LCD Module
DPM3AS-BL ETC2-DPM3AS-BL Datasheet
274Kb / 4P
3쩍 Digit Backlit LCD Voltmeter Module
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
logo
Analog Devices
AD2023 AD-AD2023_15 Datasheet
1Mb / 4P
3 Digit DPM Module
logo
LUMEX INC.
LCD-H3X1C50TF LUMEX-LCD-H3X1C50TF Datasheet
58Kb / 1P
0.50 CHARACTER HEIGHT, 3 1/2 DIGIT LCD GLASS
LCD-H3X1C50TR LUMEX-LCD-H3X1C50TR Datasheet
72Kb / 1P
0.50 CHARACTER HEIGHT, 3 1/2 DIGIT LCD GLASS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com