Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMP-386J Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-386J
Description  High Power RF PIN Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-386J Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-386J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-386J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-386J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-386J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-386J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-386J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Table 1. Absolute Maximum Ratings [1] at TC = +25°C
Symbol
Parameter
Unit
Max Rating
IF
Forward Current (1µs Pulse) per die [2]
Amp
1
PIV
Peak Inverse Voltage
V
100
Tj
Junction Temperature
°C
150
Tstg
Storage Temperature
°C
-60 to 150
θjc
Thermal Resistance [3]
°C/W
45
DC Pdiss
DC Power Dissipation [4]
W
2.0
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to the device.
2. Eight dice are connected in parallel for this device.
3. TC = +25°C, where TC is defined to be the temperature at the package pins where contact is made to the circuit board.
4. Maximum DC Pdiss measured without RF input and maximum rating is base on device junction temperature.
Table 2. Electrical Performance at TC = +25°C
Minimum
Breakdown Voltage
VBR (V)
Typical
Forward Voltage
Vf (V)
Maximum
Series Resistance
RS (Ohm)
Maximum
Total Capacitance
CT (pF)
100
0.85
0.77
1.25
Test Conditions
VR = VBR
Measure IR ≤ 5uA
IF = 50mA
IF = 50 mA
f = 100 MHz
VR = 50V
f = 1MHz
Table 3. Typical Performance at TC = +25°C
Series Resistance
RS (W)
Carrier Lifetime
(nS)
Reverse Recovery Time
Trr (nS)
Total Capacitance
CT (pF)
0.65
260
130
0.75
Test Conditions
IF = 50mA
f = 100MHz
IF = 50mA
IR = 100mA
VR = 5V
IF = 50mA
90% Recovery
VR = 50V
f = 1MHz
Thermal Resistance
C
Operating
Max
T
P
diss
25
)
.
(
°
-
=



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com