Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMA-QL00 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMA-QL00
Description  Subminiature High Performance AlInGaP LED Lamps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMA-QL00 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMA-QL00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMA-QL00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMA-QL00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMA-QL00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMA-QL00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMA-QL00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMA-QL00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMA-QL00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMA-QL00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Device Selection Guide
d
Typ. IV
Package
Viewing
Package
Part Number
(nm)
(mcd)
Description
Angle 2
1/
2
Outline
HLMA-QL00
590
500
Domed,
15°
B
HLMT-QL00
590
1000
Nondiffused,
HLMA-QJ00
605
500
Untinted
HLMA-QH00
615
500
HLMT-QH00
615
800
HLMA-QG00
626
500
HLMT-QG00
622
1000
HLMA-QF00
635
500
HLMA-PL00
590
75
Flat Top,
125°
A
HLMT-PL00
590
150
Nondiffused,
HLMA-PJ00
605
75
Untinted
HLMA-PH00
615
75
HLMT-PH00
615
120
HLMA-PG00
626
75
HLMT-PG00
622
150
HLMA-PF00
635
75
Absolute Maximum Ratings at TA = 25°C
Parameter
HLMA-xxxx
HLMT-xxxx
Unit
Peak Forward Current[2]
100
100
mA
Average Forward Current (IPEAK = 100 mA)[1,2]
30
30
mA
DC Forward Current[3,5,6]
50
50
mA
Power Dissipation
120
130
mW
Reverse Voltage (IR = 100 μA)
5
V
Transient Forward Current (10 μs Pulse)[5]
500
mA
Operating Temperature Range
–40 to +100
°C
Storage Temperature Range
–55 to +100
°C
LED Junction Temperature
110
°C
Lead Soldering Temperature [1.6 mm (0.063 in.) from body]
260°C for 5 seconds
SMT Reflow Soldering Temperature
260°C for 20 seconds
Notes:
1. Maximum IAVG at f = 1 kHz.
2. Refer to Figure 5 to establish pulsed operating conditions.
3. Derate linearly as shown in Figure 4.
4. The transient peak current is the maximum non-recurring peak current these devices can withstand without damaging the LED die and wire
bonds. Operation at currents above Absolute Maximum Peak Forward Current is not recommended.
5. Drive currents between 10 mA and 30 mA are recommended for best long term performance.
6. Operation at currents below 5 mA is not recommended, please contact your Avago sales representative.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com