Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

418023 Datasheet(PDF) 19 Page - Tyco Electronics

Part # 418023
Description  FASTON Receptacles
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

418023 Datasheet(HTML) 19 Page - Tyco Electronics

Back Button 418023 Datasheet HTML 14Page - Tyco Electronics 418023 Datasheet HTML 15Page - Tyco Electronics 418023 Datasheet HTML 16Page - Tyco Electronics 418023 Datasheet HTML 17Page - Tyco Electronics 418023 Datasheet HTML 18Page - Tyco Electronics 418023 Datasheet HTML 19Page - Tyco Electronics 418023 Datasheet HTML 20Page - Tyco Electronics 418023 Datasheet HTML 21Page - Tyco Electronics 418023 Datasheet HTML 22Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
28
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
110 Series F-Crimp Flags
Flag Receptacles
Wire Range
Style
Fits Tab
Tab
Insulation
Material
Stock
L
Terminal
AWG
Type2
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
26-22
B
*
.020
.040-.080
Brass,
.010
.430
1
X3
—X3
1742219-1
0.51
1.02-2.03
Pre-Tin
0.25
10.92
*
.016
.065-.100
Brass,
.010
.460
—
—
—
61459-1
0.41
1.65-2.54
Pre-Tin
0.25
11.68
*
.020
.065-.100
Brass,
.010
.460
X
—
X
61372-1
0.51
1.65-2.54
Pre-Tin
0.25
11.68
*
.020
.065-.100
Brass,
.012
.460
X
—
X
60605-1
A
0.51
1.65-2.54
Tin Plated
0.30
11.68
*
.025
.065-.100
Brass,
.010
.460
—
—
—
61530-1
0.64
1.65-2.54
Pre-Tin
0.25
11.68
*
.032
.065-.100
Brass,
.010
.460
X
—
X
61971-1
0.81
1.65-2.54
Pre-Tin
0.25
11.68
22-18
*
.020
.060-.100
Brass,
.010
.430
X
—
X
61481-1
0.51
1.52-2.54
Pre-Tin
0.25
10.92
*
.020
.060-.100
Brass,
.012
.430
X
—
X
61070-1
0.51
1.52-2.54
Tin Plated
0.30
10.92
*
.020
.060-.100
Brass
.012
.430
X
—
X
61070-2
B
0.51
1.52-2.54
0.30
10.92
*
.025
.060-.100
Brass,
.010
.430
—
—
—
1217138-1
0.64
1.52-2.54
Pre-Tin
0.25
10.92
*
.032
.060-.100
Brass,
.010
.430
X
—
X
62336-1
0.81
1.52-2.54
Pre-Tin
0.25
10.92
*
.032
.060-.100
Steel,
.010
.430
—
—
—
62336-2
0.81
1.52-2.54
Nickel Plated
0.25
10.92
—
.015
Brass,
.010
.295
—
—
—
63990-1
0.38
—
Pre-Tin
0.25
7.49
—
.020
Brass
.012
.295
1
X1
—
X
60991-1
22-16
C
0.51
—
0.30
7.49
—
.020
Brass,
.010
.295
1
X1
—
X
61549-1
0.51
—
Pre-Tin
0.25
7.49
1
.020
Brass,
.010
.295
1
X1
—
X
62321-1
0.51
—
Pre-Tin
0.25
7.49
* No Tab Type
1
UL listed and CSA certified for 22-18 AWG.
2
See below for Mating Tab Designs.
3
UL listed and CSA certified for 22 AWG wire only.
R
R
R
A — FASTON Flag Receptacle
with Insulation Support
C — FASTON Flag Receptacle
with No Insulation Support
B — FASTON Flag Receptacle
with Insulation Support
.150
[3.81]
.150
[3.81]
.295
[7.49]
.018
[0.46]
Mating 110 Series Tab
Dimension Type 1
Mating 110 Series Tab
Dimensions Type 2
Mating 110 Series Tab
Dimensions Type 3
.110
[2.79]
.130
[3.30]
.133
[3.38]
.218
[5.54]
.280
[7.11]
.110
[2.79]
.280
[7.11]
.110
[2.79]
.280
[7.11]
Mating 110 Series
Tab Designs
Note: All part numbers are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com