Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC3250 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LPC3250
Description  OEM Board v1.5 DS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPC3250 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LPC3250 Datasheet HTML 1Page - List of Unclassifed Manufacturers LPC3250 Datasheet HTML 2Page - List of Unclassifed Manufacturers LPC3250 Datasheet HTML 3Page - List of Unclassifed Manufacturers LPC3250 Datasheet HTML 4Page - List of Unclassifed Manufacturers LPC3250 Datasheet HTML 5Page - List of Unclassifed Manufacturers LPC3250 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Embedded Artists AB
Södra Promenaden 51
SE-211 38 Malmö
Sweden
Phone/Fax: +46 (0)40-611 00 93
E-mail: info@embeddedartists.com
http://www.embeddedartists.com
© Copyright 2010 Embedded Artists AB. All rights reserved. All other products or service names mentioned herein are
trademarks of their respective holders and should be treated as such.
Privacy policy: http://www.embeddedartists.com/privacy.php
Legal: http://www.embeddedartists.com/legal.php
Embedded Artists’
LPC3250 OEM Board v1.5 DS
The Art of Embedded Systems Development – made Easy™
Document status: Preliminary
52
O, GPO
LPC3250, GPO_03
152
O, Buffer Address bus 21
LPC3250, A21 via buffer
53
O, GPO
LPC3250, GPO_08
153
O, Buffer Address bus 4
LPC3250, A4 via buffer
54
O, GPO
LPC3250, GPO_09
154
O, Buffer Address bus 20
LPC3250, A20 via buffer
55
O
LPC3250, PWMOUT1
155
O, Buffer Address bus 3
LPC3250, A3 via buffer
56
O
LPC3250, HICORE
156
O, Buffer Address bus 19
LPC3250, A19 via buffer
57
O
LPC3250, U1_TX
157
O, Buffer Address bus 2
LPC3250, A2 via buffer
58
I, GPI
LPC3250, U1_RX
158
O, Buffer Address bus 18
LPC3250, A18 via buffer
59
I
ISP1301, USB_VBUS_CTRL
159
O, Buffer Address bus 1
LPC3250, A1 via buffer
60
O, GPO
LPC3250, GPO_17
160
O, Buffer Address bus 17
LPC3250, A17 via buffer
61
O, GPO
LPC3250, GPO_20
161
O, Buffer Address bus 0
LPC3250, A0 via buffer
62
O
LPC3250, SPI1_CLK
162
O, Buffer Address bus 16
LPC3250, A16 via buffer
63
O, GPO
LPC3250, GPO_04
163
NC
64
B
LPC3250, SPI1_DATIN
164
I, ABUF_EN
Connected to GND on board
65
B
LPC3250, SPI1_DATIO
165
P, Buffer-VCC
66
O, GPO
LPC3250, GPO_05
166
P, GND
67
O, GPO
LPC3250, GPO_11
167
B, Buffer Data bus 15
LPC3250, D15 via buffer
68
A
LPC3250, TS_XP
168
I, GPI
LPC3250, GPI_08
69
A
LPC3250, TS_YP
169
B, Buffer Data bus 14
LPC3250, D14 via buffer
70
A
LPC3250, AIN1
170
O, GPO
LPC3250, GPO_23
71
A
LPC3250, AIN2
171
B, Buffer Data bus 13
LPC3250, D13 via buffer
72
A
LPC3250, AIN3
172
I, GPI
LPC3250, GPI_09
73
O, GPO
LPC3250, GPO_00
173
B, Buffer Data bus 12
LPC3250, D12 via buffer
74
B, I2C-SDA
LPC3250, I2C1_SDA
174
I, GPI
LPC3250, GPI_19
75
B, I2C-SCL
LPC3250, I2C1_SCL
175
B, Buffer Data bus 11
LPC3250, D11 via buffer
76
P, GND
176
B, GPIO
LPC3250, P2.8
77
P, GND
177
B, Buffer Data bus 10
LPC3250, D10 via buffer
78
B
LPC3250, MCICLK
178
B, GPIO
LPC3250, P2.9
79
B
LPC3250, MCICMD
179
B, Buffer Data bus 9
LPC3250, D9 via buffer
80
O, GPO
LPC3250, GPO_01
180
B, GPIO
LPC3250, P2.10
81
B
LPC3250, MCIDAT0
181
B, Buffer Data bus 8
LPC3250, D8 via buffer
82
B
LPC3250, MCIDAT1
182
B, GPIO
LPC3250, P2.11
83
B
LPC3250, MCIDAT2
183
B, Buffer Data bus 7
LPC3250, D7 via buffer
84
B
LPC3250, MCIDAT3
184
B, GPIO
LPC3250, P2.12
85
B, GPIO
LPC3250, GPIO_05
185
B, Buffer Data bus 6
LPC3250, D6 via buffer
86
O, GPO
LPC3250, GPO_14
186
I, GPI
LPC3250, GPI_28
87
I, GPI
LPC3250, GPI_03
187
B, Buffer Data bus 5
LPC3250, D5 via buffer
88
B, GPI
LPC3250, U7_RX
188
O
LPC3250, U2_TX
89
O
LPC3250, U7_TX
189
B, Buffer Data bus 4
LPC3250, D4 via buffer
90
B, GPIO
LPC3250, P0.6
190
I, GPI
LPC3250, GPI_17
91
B, GPIO
LPC3250, P0.7
191
B, Buffer Data bus 3
LPC3250, D3 via buffer
92
O, GPO
LPC3250, GPO_22
192
I, GPI
LPC3250, GPI_05
93
B
LPC3250, SYSCLKEN
193
B, Buffer Data bus 2
LPC3250, D2 via buffer
94
B
LPC3250, SPI2_DATIO
194
I, GPI
LPC3250, GPI_16
95
B, GPI
LPC3250, SPI2_DATIN
195
B, Buffer Data bus 1
LPC3250, D1 via buffer
96
B, GPIO
LPC3250, GPIO_04
196
I, GPI
LPC3250, GPI_18
97
B
LPC3250, SPI2_CLK
197
B, Buffer Data bus 0
LPC3250, D0 via buffer
98
A
ISP1301, USB_VBUS
198
O
LPC3250, U3_TX
99
I, GPI
LPC3250, GPI_02
199
P, Buffer-VCC
100
O, GPO
LPC3250, GPO_19 connected
to NAND flash WP
200
P, GND
I/O legend
O: output
I: input
B: Bidirectional
P: Power
A: Analog
OD: Open-drain output
GPIO: General purpose I/O
GPI: General purpose input
GPO:
General purpose output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com