Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP0805A0902AS Datasheet(PDF) 3 Page - AVX Corporation

Part # LP0805A0902AS
Description  Thin-Film Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LP0805A0902AS Datasheet(HTML) 3 Page - AVX Corporation

  LP0805A0902AS Datasheet HTML 1Page - AVX Corporation LP0805A0902AS Datasheet HTML 2Page - AVX Corporation LP0805A0902AS Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Thin-Film Low Pass Filter
LP0805 Test Jig
GENERAL DESCRIPTION
These jigs are designed for testing the LPF0805 Low Pass
Filters using a Vector Network Analyzer.
They consist of a dielectric substrate, having 50W microstrips
as conducting lines and a bottom ground plane located at a
distance of 0.254 mm from the microstrips.
The substrate used is RF-35-0100-C1B107 (or similar).
The
connectors
are
SMA
type
(female),
‘Johnson
Components Inc.’ Product P/N: 142-0701-841(or similar).
Both a measurement jig and a calibration jig are provided.
The calibration jig is designed for a full 2-port calibration, and
consists of an open line, short line and through line. LOAD
calibration can be done by a 50W SMA termination.
MEASUREMENT PROCEDURE
Follow the VNA’s instruction manual and use the calibration
jig to perform a full 2-Port calibration in the required band-
widths.
Solder the filter to the measurement jig as follows:
Input
² Connector 1 (Jig)
GND (Filter)
² GND (Jig)
(Filter)
Output ² Connector 2 (Jig)
GND (Filter)
² GND (Jig)
(Filter)
Set the VNA to the relevant frequency band. Connect the
VNA using a 10dB attenuator on the jig terminal connected
to port 2 (using an RF cable).
ITF TEST JIG FOR LOW PASS FILTER 0805
Connector 1
Connector 2
Load
Through
Load
Through
Short line to
GND
Connector
Johnson
P/N 142-0701-841
Open
line
Measurement
Calibration Jig
4
112



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com