Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4154 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # LL4154
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LL4154 Datasheet(HTML) 2 Page - Diodes Incorporated

  LL4154 Datasheet HTML 1Page - Diodes Incorporated LL4154 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
S30071 Rev. A-2
2 of 2
LL4154
0
100
200
300
400
500
0
100
200
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°
1.0
0.1
0.01
10
100
1000
01
2
V , FORWARD VOLTAGE (V)
Fig. 2 Forward Characteristics
F
T = 100 C
j
°
T = 25 C
j
°
0.7
0.8
0.9
1.0
1.1
02
4
6
8
10
V , REVERSE VOLTAGE (V)
Fig. 3 Relative Capacitance Variation
R
T = 25 C
f = 1.0MHz
j
°
1
10
100
1,000
10,000
0
100
200
T , JUNCTION TEMPERATURE ( C)
Fig. 4 Leakage Current vs Junction Temperature
j
°
V = 25V
R



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com