Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL42 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # LL42
Description  SCHOTTKY BARRIER SWITCHING DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LL42 Datasheet(HTML) 1 Page - Diodes Incorporated

  LL42 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D
S30072 Rev. A-2
1 of 1
LL42 / LL43
LL42 / LL43
SCHOTTKY BARRIER SWITCHING DIODE
Features
·
Low Forward Voltage Drop
·
Fast Switching Speeds
·
Guard Ring Construction for Transient
Protection
Maximum Ratings @ TA = 25°C unless otherwise specified
Notes:
1. Valid provided that electrodes are kept at ambient temperature.
2. t < 300
ms, Duty Cycle < 2%.
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
LL42
LL43
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Average Rectified Output Current
IO
100
mA
Forward Continuous Current (Note 1)
IFM
200
mA
Repetitive Peak Forward Current (Note 1)
@ t < 1.0s
Duty Cycle < 50%
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current @ t = 10ms
IFSM
4.0
A
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
500
K/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +125
°C
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
30
¾¾
V
IRS = 100
mA Pulses
Maximum Forward Voltage Drop (Note 2)
All Types
LL42
LL42
LL43
LL43
VFM
¾
¾
¾
0.26
¾
¾
1.00
0.40
0.65
0.33
0.45
V
IF = 200mA
IF = 10mA
IF = 50mA
IF = 2.0mA
IF = 15mA
Maximum Peak Reverse Current (Note 2)
IRM
¾¾
0.50
100
mA
VR = 25V
VR = 25V, Tj = 100
°C
Junction Capacitance
Cj
¾
10
¾
pF
VR = 1.0V, f = 1.0MHz
Reverse Recovery Time
trr
¾¾
5.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR,RL = 100
W
Rectification Efficiency
hv80
¾¾
%
RL = 100
W, CL = 300pF,
f = 45MHz, VRF = 2.0V
·
Case: MiniMELF, Glass
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Marking: Cathode Band Only
·
Polarity: Cathode Band
·
Weight: 0.05 grams (approx.)
Mechanical Data
MiniMELF
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
A
C
B


Similar Part No. - LL42

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
LL42 GE-LL42 Datasheet
43Kb / 2P
Schottky Diodes
logo
SynSemi, Inc.
LL42 SYNSEMI-LL42 Datasheet
81Kb / 1P
SCHOTTKY BARRIER DIODES
logo
GOOD-ARK Electronics
LL42 GOOD-ARK-LL42 Datasheet
61Kb / 2P
Small-Signal Diode Schottky Diodes
logo
Jinan Jingheng (Group) ...
LL42 JINANJINGHENG-LL42 Datasheet
73Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
EIC discrete Semiconduc...
LL42 EIC-LL42 Datasheet
93Kb / 1P
SCHOTTKY BARRIER DIODES
More results

Similar Description - LL42

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL6263 DIODES-LL6263 Datasheet
57Kb / 2P
SCHOTTKY BARRIER SWITCHING DIODE
DS30076 Rev. A-2
logo
Micro Commercial Compon...
LLSD101A MCC-LLSD101A Datasheet
360Kb / 2P
Schottky Barrier Switching Diode
logo
Unisonic Technologies
SD103AW UTC-SD103AW Datasheet
82Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW_ DIODES-SD101AW_ Datasheet
224Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 17 - 2
SD103AW_ DIODES-SD103AW_ Datasheet
246Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 21 - 2
logo
Sensitron
SD103AWS-G SENSITRON-SD103AWS-G Datasheet
178Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
SD103AWS SENSITRON-SD103AWS Datasheet
88Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Unisonic Technologies
SD103AWS UTC-SD103AWS Datasheet
138Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW-7-F DIODES-SD101AW-7-F Datasheet
115Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
Rev erse
logo
Galaxy Semi-Conductor H...
SD107WS BILIN-SD107WS_17 Datasheet
179Kb / 3P
Schottky Barrier Switching Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com