Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL6263 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # LL6263
Description  SCHOTTKY BARRIER SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LL6263 Datasheet(HTML) 1 Page - Diodes Incorporated

  LL6263 Datasheet HTML 1Page - Diodes Incorporated LL6263 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S30076 Rev. A-2
1 of 2
LL6263
LL6263
SCHOTTKY BARRIER SWITCHING DIODE
Features
·
Low Forward Voltage Drop
·
Guard Ring Construction for Transient
Protection
·
Fast Switching Time
·
Low Reverse Capacitance
Maximum Ratings @ TA = 25°C unless otherwise specified
Note:
1. Valid provided that electrodes are kept at ambient temperature.
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
LL6263
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
RMS Reverse Voltage
VR(RMS)
42
V
Forward Continuous Current (Note 1)
IFM
15
mA
Non-Repetitive Peak Forward Surge Current
@ t
£ 1.0s
@ t = 10
ms
IFSM
50
2.0
mA
A
Power Dissipation (Note 1)
Pd
400
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
375
K/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +175
°C
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Maximum Forward Voltage Drop
VFM
¾¾
0.41
1.0
V
IF = 1.0mA
IF = 15mA
Maximum Peak Reverse Current
IRM
¾¾
200
nA
VR = 50V
Junction Capacitance
Cj
¾
2.0
¾
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
¾
1.0
¾
ns
IF = IR = 5.0mA,
Irr = 0.1 x IR,RL = 100
W
·
Case: MiniMELF, Glass
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Marking: Cathode Band Only
·
Polarity: Cathode Band
·
Weight: 0.05 grams (approx.)
Mechanical Data
MiniMELF
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
A
C
B


Similar Part No. - LL6263

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
LL6263 GE-LL6263 Datasheet
84Kb / 2P
Schottky Diodes
logo
EIC discrete Semiconduc...
LL6263 EIC-LL6263 Datasheet
36Kb / 2P
SCHOTTKY BARRIER DIODES
logo
SynSemi, Inc.
LL6263 SYNSEMI-LL6263 Datasheet
31Kb / 2P
SCHOTTKY BARRIER DIODES
logo
GOOD-ARK Electronics
LL6263 GOOD-ARK-LL6263 Datasheet
112Kb / 2P
Small-Signal Diode Schottky Diodes
logo
Jinan Jingheng (Group) ...
LL6263 JINANJINGHENG-LL6263 Datasheet
70Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - LL6263

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL42 DIODES-LL42 Datasheet
50Kb / 1P
SCHOTTKY BARRIER SWITCHING DIODE
DS30072 Rev. A-2
logo
Micro Commercial Compon...
LLSD101A MCC-LLSD101A Datasheet
360Kb / 2P
Schottky Barrier Switching Diode
logo
Unisonic Technologies
SD103AW UTC-SD103AW Datasheet
82Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW_ DIODES-SD101AW_ Datasheet
224Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 17 - 2
SD103AW_ DIODES-SD103AW_ Datasheet
246Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 21 - 2
logo
Sensitron
SD103AWS-G SENSITRON-SD103AWS-G Datasheet
178Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
SD103AWS SENSITRON-SD103AWS Datasheet
88Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Unisonic Technologies
SD103AWS UTC-SD103AWS Datasheet
138Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW-7-F DIODES-SD101AW-7-F Datasheet
115Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
Rev erse
logo
Galaxy Semi-Conductor H...
SD107WS BILIN-SD107WS_17 Datasheet
179Kb / 3P
Schottky Barrier Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com