Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLSD101 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # LLSD101
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LLSD101 Datasheet(HTML) 1 Page - Diodes Incorporated

  LLSD101 Datasheet HTML 1Page - Diodes Incorporated LLSD101 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30067 Rev. 2 - 2
1 of 2
LLSD101A - 101C
LLSD101A - 101C
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
·
Low Forward Voltage Drop
·
Guard Ring Construction for Transient
Protection
·
Fast Reverse Recovery Time
·
Low Reverse Capacitance
·
Case: MiniMELF, Glass
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Marking: Cathode Band Only
·
Polarity: Cathode Band
·
Weight: 0.05 grams (approx.)
Mechanical Data
Maximum Ratings @ TA = 25°C unless otherwise specified
Note:
1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
LLSD101A
LLSD101B
LLSD101C
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
50
40
V
RMS Reverse Voltage
VR(RMS)
42
35
28
V
Forward Continuous Current (Note 1)
IFM
15
mA
Non-Repetitive Peak Forward Surge Current
@ t £ 1.0s
@ t = 10ms
IFSM
50
2.0
mA
A
Power Dissipation (Note 1)
Pd
400
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
375
°
C/W
Operating Temperature Range
Tj
-55 to +125
°
C
Storage Temperature Range
TSTG
-55 to +150
°
C
Characteristic
Symbol
Min
Max
Unit
Test Condition
Forward Voltage Drop (Note 2)
LLSD101A
LLSD101B
LLSD101C
LLSD101A
LLSD101B
LLSD101C
VF
¾
0.41
0.40
0.39
1.00
0.95
0.90
V
IF = 1.0mA
IF = 1.0mA
IF = 1.0mA
IF = 15mA
IF = 15mA
IF = 15mA
Reverse Current (Note 2)
LLSD101A
LLSD101B
LLSD101C
IR
¾
200
nA
VR = 50V
VR = 40V
VR = 30V
Total Capacitance
LLSD101A
LLSD101B
LLSD101C
CT
¾
2.0
2.1
2.2
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
¾
1.0
ns
IF = IR = 5.0mA,
Irr = 0.1 x IR, RL = 100W
MiniMELF
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
A
C
B


Similar Part No. - LLSD101

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
LLSD101 MCC-LLSD101 Datasheet
360Kb / 2P
Schottky Barrier Switching Diode
LLSD101A MCC-LLSD101A Datasheet
360Kb / 2P
Schottky Barrier Switching Diode
logo
Shanghai Lunsure Electr...
LLSD101A CHENYI-LLSD101A Datasheet
325Kb / 2P
schottky barrier switching diode
logo
Micro Commercial Compon...
LLSD101A MCC-LLSD101A Datasheet
981Kb / 4P
Schottky Barrier Switching Diode
logo
Diodes Incorporated
LLSD101A-13 DIODES-LLSD101A-13 Datasheet
62Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
More results

Similar Description - LLSD101

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com