Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1035CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBR1035CT
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR1035CT Datasheet(HTML) 1 Page - Diodes Incorporated

  MBR1035CT Datasheet HTML 1Page - Diodes Incorporated MBR1035CT Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S30027 Rev. A-2
1 of 2
MBR1030CT-MBR1060CT
MBR1030CT - MBR1060CT
10A SCHOTTKY BARRIER RECTIFIER
Features
L
M
A
N
P
D
E
K
C
B
G
12 3
J
HH
Pin 1
Pin 3
Pin 2
Case
TO-220AB
Dim
Min
Max
A
14.22
15.88
B
9.65
10.67
C
2.54
3.43
D
5.84
6.86
E
¾
6.35
G
12.70
14.73
H
2.29
2.79
J
0.51
1.14
K
3.53
Æ 4.09Æ
L
3.56
4.83
M
1.14
1.40
N
0.30
0.64
P
2.03
2.92
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Schottky Barrier Chip
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward
Voltage Drop
·
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Applications
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: As Marked on Body
·
Weight: 2.24 grams (approx.)
·
Mounting Position: Any
·
Marking: Type Number
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MBR
1030CT
MBR
1035CT
MBR
1040CT
MBR
1045CT
MBR
1050CT
MBR
1060CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
35
42
V
Average Rectified Output Current
(Note 1)
@ TC = 105
°C
IO
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
125
A
Repetitive Peak Reverse Surge Current
@ t
£ 2.0ms
IRRM
1.0
A
Forward Voltage Drop
@ IF = 5.0A, TC = 125
°C
@ IF = 5.0A, TC = 25
°C
@ IF = 10A, TC = 25
°C
VFM
0.57
0.70
0.84
0.70
0.80
0.95
V
Peak Reverse Current
@ TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 125
°C
IRM
0.1
15
mA
Typical Junction Capacitance (Note 2)
Cj
150
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJC
30
K/W
Voltage Rate of Change (Rated VR)
dV/dt
1000
V/
ms
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Thermal resistance junction to case mounted on heatsink.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.


Similar Part No. - MBR1035CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1035CT MCC-MBR1035CT Datasheet
647Kb / 2P
10 Am p Schott ky Barrier Rectifier 30-60 Volts
logo
Diodes Incorporated
MBR1035CT DIODES-MBR1035CT Datasheet
77Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. 2 - 2
logo
Taiwan Semiconductor Co...
MBR1035CT TSC-MBR1035CT Datasheet
99Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR1035CT TSC-MBR1035CT Datasheet
169Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
MBR1035CT BILIN-MBR1035CT Datasheet
145Kb / 2P
DUAL SCHOTTKY RECTIFIERS
More results

Similar Description - MBR1035CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
logo
Won-Top Electronics
SB1020F WTE-SB1020F_06 Datasheet
50Kb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR1040C UTC-MBR1040C Datasheet
128Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1040 KERSEMI-MBR1040 Datasheet
428Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020 YEASHIN-SB1020 Datasheet
757Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020F YEASHIN-SB1020F Datasheet
776Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
10A SCHOTTKY BARRIER RECTIFIER
Rev 3
logo
DIYI Electronic Technol...
SBL1060CT DYELEC-SBL1060CT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com