Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1645 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MBR1645
Description  16A SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR1645 Datasheet(HTML) 2 Page - Diodes Incorporated

  MBR1645 Datasheet HTML 1Page - Diodes Incorporated MBR1645 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
S23011 Rev. F-2
2 of 2
MBR1630-MBR1660
0.1
1.0
10
50
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Voltage Characteristics
F
MBR1630 - MBR1645
MBR1650 / MBR1660
T = 25 C
j
°
Pulse width = 300 s
2% duty cycle
µ
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
100
1000
4000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig.5 Typical Junction Capacitance
R
T = 25 C
j
°
f = 1.0MHz
0.01
0.1
1.0
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig.4 Typical Reverse Characteristics
T = 125 C
j
°
T = 75 C
j
°
T = 25 C
j
°
100
0
4
8
0
50
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
12
16
20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com