Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM-4AX Datasheet(PDF) 1 Page - ECS, Inc.

Part # CSM-4AX
Description  SMD QUARTZ CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

CSM-4AX Datasheet(HTML) 1 Page - ECS, Inc.

  CSM-4AX Datasheet HTML 1Page - ECS, Inc. CSM-4AX Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
17
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
SMD CRYSTALS
SMD CRYSTALS
9.0
± 0.1
1.2
± 0.1
1.3
± 0.1
(X4)
12.5 max
2.0
REF
4.85
max
H
4
1
3
2
4
1
3
2
The CSM-4AX is a SMD version of the HC-
49US leaded crystal. The CSM-4AX has a case
height of 5 mm maximum in a resistance-weld
metal package. The CSM-4AX is also pin out
compatible with the EPSON MA-506.
FEATURES
• Cost effective
• Resistance-weld sealing
• Extended Temp range available
• Tape & Reel (1,000 pcs)
• PbFree/RoHS Compliant
CSM-4AX
SMD QUARTZ CRYSTAL
PACKAGE DIMENSIONS (mm)
Figure 1) CSM-4AX- Top, Side and End views
Figure 2) CSM-4AX Internal Connections
* Tighter specifications are available. **Extended temperature range available.
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
FREQUENCY RANGE
3.579545
70.000
MHz
CALIBRATION TOLERANCE
@ +25˚C
±30*
PPM
FREQUENCY STABILITY ref @25˚C
-10 ~ +70˚C
±50*
PPM
SHUNT CAPACITANCE
7
pF
LOAD CAPACITANCE
CL (Customer Specified)
10
20.0 standard
Series
pF
DRIVE LEVEL
DL
500
µW
OPERATING TEMPERATURE
TOPR**
-10
+70
˚C
STORAGE TEMPERATURE
TSTG
-30
+85
˚C
AGING CHARACTERISTICS (Per Year)
@ +25˚C ± 3˚C per year
±5
PPM
FREQUENCY RANGE (MHz)
MODE OF OSC
MAX ESR Ω
FREQUENCY RANGE (MHz)
MODE OF OSC
MAX ESR Ω
3.579545 ~ 4.999
Fundamental
200
9.000 ~ 12.000
Fundamental
60
5.000 ~ 5.999
Fundamental
150
13.000 ~ 19.999
Fundamental
40
6.000 ~ 6.999
Fundamental
100
20.000 ~ 30.000
Fundamental
30
7.000 ~ 8.999
Fundamental
80
27.000 ~ 80.000
3rd O/T
100
EQUIVALENT SERIES RESISTANCE / MODE OF OSCILLATION
2.3
3.5
2.3
9.0
2.2
2.2
Figure 3) Land Pattern
Height “H” (max.)
-28AX
5.0 mm
-28ALX
4.0 mm
PART NUMBERING GUIDE “EXAMPLE”
MANUFACTURER
FREQUENCY (4.000 MHz)
LOAD CAPACITANCE*
PACKAGE TYPE
ECS
–
40
–
20
–
28AX
* Load capacitance (xx=xx pF, S=series resonance) Package Type examples (-28AX= 5.0 mm max. height, -28ALX = 4.0 mm max. height)
Note: See Product Selection Guide for additional options including tighter tolerances or extended temperature range.


Similar Part No. - CSM-4AX

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
CSM-4AX ECS-CSM-4AX Datasheet
579Kb / 2P
The CSM-4AX is an excellent choice for a low cost SMD crystal
CSM-4AX ECS-CSM-4AX_17 Datasheet
579Kb / 2P
The CSM-4AX is an excellent choice for a low cost SMD crystal
More results

Similar Description - CSM-4AX

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
SMD QUARTZ CRYSTAL
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
SMD Quartz Crystal
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
SMD Quartz Crystal
logo
ECS, Inc.
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
SMD Quartz Crystal
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
SMD QUARTZ CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com