Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV2-50V100MU-R Datasheet(PDF) 1 Page - Altera Corporation

Part # RV2-50V100MU-R
Description  VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

RV2-50V100MU-R Datasheet(HTML) 1 Page - Altera Corporation

  RV2-50V100MU-R Datasheet HTML 1Page - Altera Corporation RV2-50V100MU-R Datasheet HTML 2Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
23
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
CAT.No.2004/2005E(2004.10.1)
RV2
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
L
A
±0.2
( ): Reference size
0.3MAX
W
Specifications
Outline Drawing
Standard Ratings
Coefficient of Frequency for Rated Ripple Current
Item
Performance
Category temperature range (˚C)
Tolerance at rated capacitance (%)
Leakage current (µA)
Tangent of loss angle
(tan
δ)
Characteristics at high
and low temperature
Endurance (85˚C)
(Applied ripple current)
Shelf life (85˚C)
Test time : 1000 hours; other items are the same as those for the endurance. Voltage application treatment : According to JIS C5101-1
Applicable standards
JIS C5101-1, -18 1998 (IEC 60384-1 1992, -18 1993)
−40 to +85
±20
Less than 0.01CV or 3 whichever is larger(after 2 minutes) C: Rated capacitance(µF); V: Rated voltage(V)
(20˚C)
(20˚C,120Hz)
(20˚C,120Hz)
(120Hz)
Test time
Leakage current
Percentage of capacitance change
Tangent of the loss angle
2000 hours (ø 3:1000 hours)
The initial specified value or less
Within
±20% of initial value (4WV: ±30%)
200% or less of the initial specified value (4WV: 300%)
Unit: mm
Rated voltage(V)
Frequency(Hz)
• Soldering conditions and land size are described on page 14.
The taping spesifications are described on page 15.
• For 16V 100µF, “S” is suffixed to the tolerance, as MS
-
4 to 16
25 to 35
50
(Note) Rated ripple current : 85˚C, 120Hz ; ESR : 20˚C, 120Hz
50 . 60
120
1k
10k . 100k
0.80
1
1.15
1.25
0.80
1
1.25
1.40
0.80
1
1.35
1.50
Part numbering system
• ø4 to ø6.3 (example: 16V47µF)
• ø3 (example: 16V10µF)
• ø4 to ø6.3 (example: 16V47µF)
• ø3 (example: 16V10µF)
Environmental
item
Former item
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
6.3
4
1016253550
Item
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
3
B55
32
14
4
—
21
31
4
—
15
37
5
—
7.0
63
6.3
—
3.2
110
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
4
—
21
31
5
—
14
44
5
—
10
52
6.3
—
5.0
89
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
4
—
40
23
5
—
18
39
5
—
12
48
6.3
—
8.5
67
6.3
—
4.0
98
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
3
B55
37
18
4
—
33
26
5
—
15
44
6.3
—
10
63
6.3
—
7.1
75
6.3
—
3.3
103
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
3
B55
57
11
4
—
49
19
5
—
23
32
6.3
—
11
55
6.3
—
7.0
67
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
3
B55 106
8
3
B55
70
9
4
—
42
20
5
—
20
34
6.3
—
9.1
59
——
——
——
——
——
——
——
——
3
B55 1990
1
4
—
1660
3
3
B55
905
2
4
—
754
5
3
B55
603
3
4
—
503
6
3
B55
424
4
4
—
353
7
3
B55
199
6
4
—
166
10
4
—
75
15
4
—
50
19
5
—
35
26
6.3
—
17
44
——
——
——
——
——
——
——
——
——
——
Case
ø D(mm)
ESR
Ω
mArms
Rated ripple
current
3
4
5
6.3
ø D
5.3
±0.2
5.3
±0.2
5.3
±0.2
5.3
±0.2
L
3.3
4.3
5.3
6.6
A
3.3
4.3
5.3
6.6
B
1.5
2.0
2.3
2.7
C
0.45 to 0.75
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
W
0.8
1.0
1.5
2.0
B55
—
—
—
P
Casing symbol
Rated voltage (V)
4
6.3
10
16
25
35
50
0.42
0.30
0.24
0.22
0.16
0.14
0.12
0.42
0.28
0.24
0.20
0.14
0.12
0.10
Series RV2
Chip Type Standard Capacitors (height:5.5mm)
• Compatible with surface mounting for 5.5mm high capacitors.
• Supplied with carrier taping.
• Guarantees 2000 hours at 85˚C.
Marking color : Black print
RV2
RC3
Convert to chip
tan
δ (max.)
ø 3
ø 4 to ø 6.3
ø 3
ø 4 to
ø 6.3
Rated voltage (V)
4
6.3
10
16
25
35
50
7432222
17
10
86433
7332222
15
854333
Impedance ratio
(max.)
Ζ−25˚C / Ζ+20˚C
Ζ−40˚C / Ζ+20˚C
Ζ−25˚C / Ζ+20˚C
Ζ−40˚C / Ζ+20˚C
Casing
symbol
Case
ø D(mm)
ESR
Ω
mArms
Rated ripple
current
Casing
symbol
Case
ø D(mm)
ESR
Ω
mArms
Rated ripple
current
Casing
symbol
Case
ø D(mm)
ESR
Ω
mArms
Rated ripple
current
Casing
symbol
Case
ø D(mm)
ESR
Ω
mArms
Rated ripple
current
Casing
symbol
Case
ø D(mm)
ESR
Ω
mArms
Rated ripple
current
Casing
symbol
Case
ø D(mm)
ESR
Ω
mArms
Rated ripple
current
Casing
symbol
Rated voltage
(V)
Rated
capacitance
(µF)
RV2
—
VU
Series code
16
100
M
Rated voltage
symbol
Rated capacitance
symbol
Capacitance
tolerance symbol
B55
Casing
symbol
—
Taping
symbol
Additional
symbol
RV2
—
VU
Series code
16
470
M
Rated voltage
symbol
Rated capacitance
symbol
Capacitance
tolerance symbol
—
Taping
symbol
Additional
symbol
RV2
—
V
Series code
16
100
M
Rated voltage
symbol
Rated capacitance
symbol
Capacitance
tolerance symbol
B55
Casing
symbol
—
Taping
symbol
Additional
symbol
RV2
—
V
Series code
16
470
M
Rated voltage
symbol
Rated capacitance
symbol
Capacitance
tolerance symbol
—
Taping
symbol
Additional
symbol


Similar Part No. - RV2-50V100MU-R

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
RV2-16V100MB55U ALTERA-RV2-16V100MB55U Datasheet
96Kb / 1P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Trumeter Technologies
RV2-4916 TRUMETER-RV2-4916 Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
RV2-4916A TRUMETER-RV2-4916A Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
RV2-4916B TRUMETER-RV2-4916B Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
RV2-4916C TRUMETER-RV2-4916C Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
More results

Similar Description - RV2-50V100MU-R

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
RTK-16V221MH11U-G10 ALTERA-RTK-16V221MH11U-G10 Datasheet
96Kb / 1P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RV2-16V100MB55U ALTERA-RV2-16V100MB55U Datasheet
96Kb / 1P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RV-10V152MIET-R5 ALTERA-RV-10V152MIET-R5 Datasheet
125Kb / 1P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RVJ-50V101MH10-R ALTERA-RVJ-50V101MH10-R Datasheet
94Kb / 3P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RVS-6V470MU-R ALTERA-RVS-6V470MU-R Datasheet
69Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Taiyo Yuden (U.S.A.), I...
RMD-50V221MG10U-R2 TAIYO-YUDEN-RMD-50V221MG10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-50V331MH10U-R2 TAIYO-YUDEN-RMD-50V331MH10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMJ-16V101MG10U-R2 TAIYO-YUDEN-RMJ-16V101MG10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMJ]
RZE-35V470MF80U-R2 TAIYO-YUDEN-RZE-35V470MF80U-R2 Datasheet
247Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RZE]
RZJ-10V331MH10U-R2 TAIYO-YUDEN-RZJ-10V331MH10U-R2 Datasheet
252Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RZJ]
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com