Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RVS-10V330M-R Datasheet(PDF) 1 Page - Altera Corporation

Part # RVS-10V330M-R
Description  VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

RVS-10V330M-R Datasheet(HTML) 1 Page - Altera Corporation

  RVS-10V330M-R Datasheet HTML 1Page - Altera Corporation RVS-10V330M-R Datasheet HTML 2Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
31
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
CAT.No.2004/2005E(2004.10.1)
RVS
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Series RVS
Chip Type 105˚C Capacitors (height:5.5mm)
• Compatible with surface mounting for 5.5mm high capacitors.
• Supplied with carrier taping.
• Guarantees 1000 hours at 105˚C.
Marking color : Black print
RVS
RV2
High temperature
L
A
±0.2
( ): Reference size
0.3MAX
W
Specifications
Outline Drawing
Standard Ratings
Coefficient of Frequency for Rated Ripple Current
Item
Performance
Category temperature range (˚C)
Tolerance at rated capacitance (%)
Leakage current (µA)
Tangent of loss angle
(tan
δ)
Characteristics at high
and low temperature
Endurance (105˚C)
(Applied ripple current)
Shelf life (105˚C)
Test time : 1000 hours; other items are the same as those for the endurance. Voltage application treatment : According to JIS C5101-1
Applicable standards
JIS C5101-1, -18 1998 (IEC 60384-1 1992, -18 1993)
−55 to +105
±20
Less than 0.01CV or 3 whichever is larger(after 2 minutes) C: Rated capacitance(µF); V: Rated voltage(V)
Rated voltage (V)
6.3
10
16
25
35
50
0.30
0.26
0.22
0.16
0.13
0.12
tan
δ (max.)
(20˚C)
(20˚C,120Hz)
(20˚C,120Hz)
(120Hz)
Test time
Leakage current
Percentage of capacitance change
Tangent of the loss angle
1000 hours
The initial specified value or less
Within
±20% of initial value
200% or less of the initial specified value
Rated voltage (V)
6.3
10
16
25
35
50
432222
854333
Impedance ratio (max.)
Ζ−25˚C / Ζ+20˚C
Ζ−40˚C / Ζ+20˚C
Unit: mm
Rated voltage(V)
Frequency(Hz)
6.3 to 16
25 to 35
50
(Note) Rated ripple current : 105˚C, 120Hz ; ESR : 20˚C, 120Hz
50 . 60
120
1k
10k . 100k
0.80
1
1.15
1.25
0.80
1
1.25
1.40
0.80
1
1.35
1.50
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
Rated voltage(V)
6.3
10
16
25
35
50
Item
Rated
capacitance(µF)
———
———
———
———
———
———
———
———
———
423
21
515
30
511
36
6.3
5.0
61
———
———
———
———
———
———
———
———
443
15
520
25
513
31
6.3
9.2
43
———
———
———
———
———
———
———
———
———
436
16
517
28
6.3
11
40
6.3
7.8
47
———
———
———
———
———
———
———
———
457
12
527
21
6.3
12
36
6.3
8.0
44
———
———
———
———
———
———
———
———
———
446
14
522
23
6.3
10
50
———
———
———
4
1190
2
4
905
3
4
603
4
4
424
5
4
199
7
491
10
460
12
542
17
6.3
20
26
———
———
———
———
Case
ESR
ø D(mm)
Ω
mArms
Rated ripple
current
Case
ESR
ø D(mm)
Ω
mArms
Rated ripple
current
Case
ESR
ø D(mm)
Ω
mArms
Rated ripple
current
Case
ESR
ø D(mm)
Ω
mArms
Rated ripple
current
Case
ESR
ø D(mm)
Ω
mArms
Rated ripple
current
Case
ESR
ø D(mm)
Ω
mArms
Rated ripple
current
4
5
6.3
ø D
5.3
±0.2
5.3
±0.2
5.3
±0.2
L
4.3
5.3
6.6
A
4.3
5.3
6.6
B
2.0
2.3
2.7
C
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
W
1.0
1.5
2.0
P
• Soldering conditions and land size are described on page 14.
The taping spesifications are described on page 15.
Part numbering system (example: 16V47µF)
Environmental
item
Former item
RVS
—
V
U
Series code
16
470
M
Rated voltage
symbol
Rated capacitance
symbol
Capacitance
tolerance symbol
—
Taping
symbol
Additional
symbol
RVS
—
V
Series code
16
470
M
Rated voltage
symbol
Rated capacitance
symbol
Capacitance
tolerance symbol
—
Taping
symbol
Additional
symbol


Similar Part No. - RVS-10V330M-R

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
RVS YSTONE-RVS Datasheet
1,009Kb / 1P
CHIP TYPE Aluminum Electolytic Capacitors
logo
Shanghai Leiditech Elec...
RVS248X02C LEIDITECH-RVS248X02C Datasheet
721Kb / 5P
MOSFET protection IGBT protection
logo
Pepperl+Fuchs Inc.
RVS58S-YYYKYA6ZT-01024 PF-RVS58S-YYYKYA6ZT-01024 Datasheet
282Kb / 3P
Incremental rotary encoder
RVS70E PF-RVS70E Datasheet
817Kb / 6P
Incremental rotary encoder
More results

Similar Description - RVS-10V330M-R

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
RTK-16V221MH11U-G10 ALTERA-RTK-16V221MH11U-G10 Datasheet
96Kb / 1P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RV2-16V100MB55U ALTERA-RV2-16V100MB55U Datasheet
96Kb / 1P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RV2-50VR47MU-R ALTERA-RV2-50VR47MU-R Datasheet
72Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RV-10V152MIET-R5 ALTERA-RV-10V152MIET-R5 Datasheet
125Kb / 1P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RVJ-50V101MH10-R ALTERA-RVJ-50V101MH10-R Datasheet
94Kb / 3P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Taiyo Yuden (U.S.A.), I...
RMD-50V221MG10U-R2 TAIYO-YUDEN-RMD-50V221MG10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-50V331MH10U-R2 TAIYO-YUDEN-RMD-50V331MH10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMJ-16V101MG10U-R2 TAIYO-YUDEN-RMJ-16V101MG10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMJ]
RZE-35V470MF80U-R2 TAIYO-YUDEN-RZE-35V470MF80U-R2 Datasheet
247Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RZE]
RZJ-10V331MH10U-R2 TAIYO-YUDEN-RZJ-10V331MH10U-R2 Datasheet
252Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RZJ]
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com