Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRM3100 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MBRM3100
Description  3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERMITE3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRM3100 Datasheet(HTML) 2 Page - Diodes Incorporated

  MBRM3100 Datasheet HTML 1Page - Diodes Incorporated MBRM3100 Datasheet HTML 2Page - Diodes Incorporated MBRM3100 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30354 Rev. 3 - 1
2 of 3
MBRM3100
www.diodes.com
1
10
100
1000
10,000
0
20
40
60
80
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig.2 Typical Reverse Characteristics
T = 125°C
j
T = 100°C
j
T = 75°C
j
T = 25°C
j
0
10
20
30
40
50
110
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
T = 90°C
C
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig.1 Typical Forward Characteristics
T = 25°C
j
T = 100°C
j
10
100
1000
0
20
40
60
80
100
V , REVERSE VOLTAGE (V)
R
Fig. 4 Typical Capacitance vs.
Reverse Voltage
f = 1MHz
UNDER DEVELOPMENT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com