Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRM5100 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MBRM5100
Description  5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRM5100 Datasheet(HTML) 2 Page - Diodes Incorporated

  MBRM5100 Datasheet HTML 1Page - Diodes Incorporated MBRM5100 Datasheet HTML 2Page - Diodes Incorporated MBRM5100 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30141 Rev. 2 - 2
2 of 3
MBRM5100
100
10
1.0
0.1
0.01
0
0.2
0.4
0.6
0.8
V
INSTANTANEOUS FORWARD VOLTAGE (V)
F,
Fig.1 Typical Forward Characteristics
T = 100
°C
j
T = 125
°C
j
T= 25
°C
j
10
100
1000
10,000
1.0
0.1
0
0.5
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics
T= 125
°C
j
T= 100
°C
j
T= 75
°C
j
T= 25
°C
j
0
20
40
60
80
100
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Peak forward Surge Current
T= 80
°C
c
10
100
1000
0
20
40
60
80
100
V , REVERSE VOLTAGE (V)
R
Fig. 4 Typical Capacitance vs.
Reverse Voltage
f = 1MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com