Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBLC6-4SC6Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # USBLC6-4SC6Y
Description  Automotive very low capacitance ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-4SC6Y Datasheet(HTML) 4 Page - STMicroelectronics

  USBLC6-4SC6Y Datasheet HTML 1Page - STMicroelectronics USBLC6-4SC6Y Datasheet HTML 2Page - STMicroelectronics USBLC6-4SC6Y Datasheet HTML 3Page - STMicroelectronics USBLC6-4SC6Y Datasheet HTML 4Page - STMicroelectronics USBLC6-4SC6Y Datasheet HTML 5Page - STMicroelectronics USBLC6-4SC6Y Datasheet HTML 6Page - STMicroelectronics USBLC6-4SC6Y Datasheet HTML 7Page - STMicroelectronics USBLC6-4SC6Y Datasheet HTML 8Page - STMicroelectronics USBLC6-4SC6Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Application and design guidelines
USBLC6-4SC6Y
4/10
Doc ID 023199 Rev 2
Figure 9.
Analog crosstalk results
2
Application and design guidelines
More information is available in the STMicroelectronics Application note AN2689,
“Protection of automotive electronics from electrical hazards, guidelines for design and
component selection”.
Figure 7.
ESD response to ISO10605,
C= 150 pF, R = 330
(+15 kV air
discharge)
Figure 8.
ESD response to ISO10605,
C= 150pF, R= 330
(-15 kV air
discharge)
100.0k
1.0M
10.0M
100.0M
1.0G
- 120.00
- 90.00
- 60.00
- 30.00
0.00
dB
f/Hz
100.0k
1.0M
10.0M
100.0M
1.0G
- 120.00
- 90.00
- 60.00
- 30.00
0.00
dB
F (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com