Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRM760 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MBRM760
Description  7A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRM760 Datasheet(HTML) 2 Page - Diodes Incorporated

  MBRM760 Datasheet HTML 1Page - Diodes Incorporated MBRM760 Datasheet HTML 2Page - Diodes Incorporated MBRM760 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30357 Rev. 2 - 1
2 of 3
MBRM760
www.diodes.com
0.01
0.1
1
10
100
0
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Fig.1 Typical Forward Characteristics
200
400
600
800
T = 125
°C
j
T = 100
°C
j
T= 25
°C
j
1m
10m
100m
020
40
60
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics
10
30
50
T= 100
°C
j
T= 25
°C
j
T = 125
°C
j
100
1000
10,000
0
15
45
30
60
V , REVERSE VOLTAGE (V)
R
Fig. 3 Typical Capacitance vs. Reverse Voltage
f = 1MHz
UNDER DEVELOPMENT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com