Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4569 Datasheet(PDF) 4 Page - NEC

Part # 2SC4569
Description  UHF TV TUNER OSC/MIXER NPN SILICON EPITAXIAL TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4569 Datasheet(HTML) 4 Page - NEC

  2SC4569 Datasheet HTML 1Page - NEC 2SC4569 Datasheet HTML 2Page - NEC 2SC4569 Datasheet HTML 3Page - NEC 2SC4569 Datasheet HTML 4Page - NEC 2SC4569 Datasheet HTML 5Page - NEC 2SC4569 Datasheet HTML 6Page - NEC 2SC4569 Datasheet HTML 7Page - NEC 2SC4569 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2SC4569
VCE = 5 V, IC = 7 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
0.698
0.540
0.435
0.372
0.343
0.321
0.306
0.297
0.291
0.286
45.4
77.6
99.9
116.7
129.7
139.8
148.4
157.5
162.9
170.4
17.070
12.682
9.583
7.566
6.238
5.324
4.613
4.066
3.669
3.319
144.7
122.8
109.5
100.8
93.8
88.4
84.0
79.4
75.7
71.6
0.031
0.049
0.061
0.071
0.080
0.090
0.100
0.113
0.124
0.135
68.1
58.9
58.2
58.1
59.3
59.9
60.7
60.7
61.2
61.0
0.839
0.655
0.533
0.461
0.415
0.390
0.370
0.354
0.344
0.340
24.3
35.9
40.4
43.1
42.9
43.1
44.0
45.3
45.7
47.6
VCE = 5 V, IC = 9 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
0.629
0.474
0.381
0.334
0.310
0.295
0.286
0.274
0.275
0.274
51.3
85.3
107.7
123.4
137.2
146.9
154.5
162.4
168.2
175.1
19.656
13.850
10.219
7.978
6.530
5.550
4.805
4.228
3.793
3.442
140.7
118.7
106.2
98.1
91.8
86.7
82.5
78.3
74.8
71.0
0.029
0.045
0.056
0.067
0.079
0.089
0.101
0.112
0.125
0.136
66.7
61.4
59.8
61.1
61.8
63.4
63.6
63.5
63.7
63.2
0.800
0.598
0.481
0.170
0.375
0.356
0.339
0.325
0.317
0.310
27.2
38.3
41.5
42.4
43.0
43.0
43.4
44.8
45.5
47.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com