Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-5000 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5000
Description  Optical Mouse Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5000 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-5000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-5000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-5000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-5000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-5000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-5000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-5000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-5000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-5000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2
Figure 1. Package outline drawing (top view)
Theory of Operation
The ADNS-5000 is based on Optical Navigation Technol-
ogy. It contains an Image Acquisition System (IAS), a
Digital Signal Processor (DSP) and USB stream output.
The IAS acquires microscopic surface images via the lens
and illumination system provided by the ADNS-5100
Round Lens or ADNS-5100-001 Trim Lens, ADNS-5200,
and HLMP-ED80-XX000. These images are processed by
the DSP to determine the direction and distance of mo-
tion. The DSP generates the
'x and 'y relative displace-
ment values which are converted to USB motion data.
Pinout
Pin
Pin
Description
1
D +
USB D+ line
2
D -
USB D- line
3
ZA
Scroll wheel quadrature input
4
ZB
Scroll wheel quadrature input
5
LGND
LED ground
6
XYLED
XYLED Input
7
VDD5
5 Volt Power (USB VBUS)
8
GND
System ground
9
REG0
3 Volt Power
10
VDD3
3 Volt Power
11
OPT 0
Descriptor Select 1 or B4
12
OPT 1
Descriptor Select 2 or B5
13
GND
System ground
14
OSC_IN
Ceramic resonator input
15
OSC_OUT
Ceramic resonator output
16
B3
Button 3 input (switch to ground)
17
B2
Button 2 input (switch to ground)
18
B1
Button 1 input (switch to ground)
11 OPT 0 (B4)
12 OPT 1 (B5)
15 OSC_OUT
14 OSC_IN
13
GND
18
B1
17
B2
16
B3
10
VDD3
GND
8
VDD5
7
ZB
4
LGND
5
XYLED
6
D+
1
D-
2
ZA
3
REG0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com