Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC164313 Datasheet(PDF) 1 Page - Microchip Technology

Part # AC164313
Description  MPLAB PM3 Universal Device Programmer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC164313 Datasheet(HTML) 1 Page - Microchip Technology

  AC164313 Datasheet HTML 1Page - Microchip Technology AC164313 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M i c r o c h i p T e c h n o l o g y I n c o r p o r a t e d
Summary
The MPLAB PM3 Universal Device Programmer is easy to
use and operates with a PC or as a stand-alone unit, and
programs Microchip's entire line of PICmicro®devices as
well as the latest dsPIC30F DSC devices. The MPLAB PM3
features a large and bright LCD unit (128x64 pixels) to
display easy menus, programming statistics and status
information.
The MPLAB PM3 programmer has exceptional programming
speed to allow high production throughput, especially
important for large memory devices, and includes a Secure
Digital/Multimedia Card slot for easy and secure data
storage and transfer.
The MPLAB PM3 programmer is designed with 40
programmable socket pins, allowing each socket module to
be configured to support many different devices, requiring
fewer socket modules to support the entire line of
Microchip parts. The socket modules use multi-pin
connectors for high reliability and quick interchange. An
adapter allows current PROMATE®II socket modules to be
used on the MPLAB PM3 programmer.
When connected to a PC-host system either via a serial or
USB port, the MPLAB PM3 programmer is seamlessly
integrated with the MPLAB Integrated Development
Environment (IDE) providing an exceptionally user-friendly
interface for the ultimate control during programming. The
MPLAB IDE includes a full-featured macro assembler,
powerful software simulator with symbolic debugger, color-
coded programmer's editor, project manager, high-level
language debugging and support for Microchip and selected
third party development tools, including compilers, low-cost
in-circuit debuggers and full-featured in-circuit emulators.
Features
Key features of the MPLAB PM3 Programmer include:
· RS-232 or USB interface
· Integrated In Circuit Serial Programming™ (ICSP™)
interface
· Fast programming time
· Three operating modes:
– PC Host mode for full control
– Safe mode for secure data
– Standalone mode for programming without a PC
· Complete line of interchangeable socket modules to
support all Microchip devices and package options
(sold separately)
MPLAB®PM3 Universal Device Programmer
Features (Continued)
· SQTPSM serialization for programming unique serial
numbers while in PC Host mode.
· An alternate DOS command line interface is available
for batch control
· Supports PROMATE II socket modules via adapter
(sold separately)
· Large easy-to-read display
· Field upgradeable firmware allows quick new device
support
· Secure Digital (SD) and Multimedia Card (MMC)
external memory support
· Buzzer notification for noisy environments
Package Contents
· MPLAB PM3 programming unit
· Serial Cable for RS-232 PC connection
· USB cable for USB PC connection
· ICSP cable
· Power supply and power cables
· MPLAB Integrated Development Environment CD
· User’s Guide and technical documentation on CD
Host System Requirements
· PC-compatible system with an Intel Pentium®class or
higher processor, or equivalent
· Serial or USB port
· Microsoft Windows®98 Second Edition, Windows ME,
Windows 2000 or Windows XP


Similar Part No. - AC164313

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AC164110 MICROCHIP-AC164110 Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
AC164113 MICROCHIP-AC164113 Datasheet
194Kb / 1P
Using MPLAB ICD 3
2/10
AC164122 MICROCHIP-AC164122 Datasheet
8Mb / 20P
16-bit Embedded Control Solutions
11/27/12
AC164124 MICROCHIP-AC164124 Datasheet
8Mb / 20P
16-bit Embedded Control Solutions
11/27/12
AC164125 MICROCHIP-AC164125 Datasheet
8Mb / 20P
16-bit Embedded Control Solutions
11/27/12
More results

Similar Description - AC164313

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AC162049 MICROCHIP-AC162049 Datasheet
4Mb / 2P
MPLAB ICD 2 In-Circuit Debugger/Programmer
9/1/03
AC164113 MICROCHIP-AC164113 Datasheet
194Kb / 1P
Using MPLAB ICD 3
2/10
logo
PEAK electronics GmbH
P10CU PEAK-P10CU_14 Datasheet
150Kb / 4P
PM3-SERIES
P10CUI PEAK-P10CUI_14 Datasheet
140Kb / 3P
PM3-SERIES
P10DU PEAK-P10DU_14 Datasheet
140Kb / 4P
PM3-SERIES
P10DUI PEAK-P10DUI_14 Datasheet
130Kb / 3P
PM3-SERIES
P10LU PEAK-P10LU_14 Datasheet
154Kb / 4P
PM3-SERIES
P10MU PEAK-P10MU_14 Datasheet
154Kb / 4P
PM3-SERIES
logo
Maxim Integrated Produc...
DS9122P-GP8 MAXIM-DS9122P-GP8 Datasheet
4Mb / 29P
Multi-Device Programmer for 1-Wire and I2C Devices
Rev 1; 5/16
logo
Microsemi Corporation
FLASHPRO5 MICROSEMI-FLASHPRO5 Datasheet
166Kb / 2P
FlashPro5 Device Programmer Quickstart Card
July 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com