Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT30SCD120B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT30SCD120B
Description  Zero Recovery Silicon Carbide Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT30SCD120B Datasheet(HTML) 1 Page - Microsemi Corporation

  APT30SCD120B Datasheet HTML 1Page - Microsemi Corporation APT30SCD120B Datasheet HTML 2Page - Microsemi Corporation APT30SCD120B Datasheet HTML 3Page - Microsemi Corporation APT30SCD120B Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT BENEFITS
• Higher Reliability Systems
• Minimizes or eliminates
snubber
PRODUCT FEATURES
• Zero Recovery Times (trr)
• Popular TO-247 Package or
surface mount D3PAK package
• Low Forward Voltage
• Low Leakage Current
PRODUCT APPLICATIONS
• Anti-Parallel Diode
-Switchmode Power Supply
-Inverters
• Power Factor Correction (PFC)
APT30SCD120B
APT30SCD120S
1200V 30A
MAXIMUM RATINGS
T
C = 25°C unless otherwise specified.
Microsemi Website - http://www.microsemi.com
Zero Recovery Silicon Carbide Schottky Diode
Symbol
Characteristic / Test Conditions
Ratings
Unit
V
R
Maximum D.C. Reverse Voltage
1200
Volts
V
RRM
Maximum Peak Repetitive Reverse Voltage
V
RWM
Maximum Working Peak Reverse Voltage
I
F
Maximum D.C. Forward current
T
C = 25°C
99
Amps
T
C = 135°C
29
I
FRM
Repetitive Peak Forward Suge Current (T
J = 45°C, t
p = 10ms, Half Sine Wave)
150
I
FSM
Non-Repetitive Forward Surge Current (T
J = 25°C, t
p = 10ms, Half Sine)
330
P
tot
Power Dissipation
T
C = 25°C
291
W
T
C = 125°C
93
T
J, TSTG
Operating and Storage Junction Temperature Range
-55 to 150
°C
T
L
Lead Temperature for 10 Seconds
300
Symbol
Characteristic / Test Conditions
Min
Typ
Max
Unit
V
F
Forward Voltage
I
F = 30A TJ = 25°C
1.5
1.8
Volts
I
F = 30A, TJ = 150°C
2.1
I
RM
Maximum Reverse Leakage Current
V
R = 1200V TJ = 25°C
600
μA
V
R = 1200V, TJ = 150°C
3000
Q
c
Total Capactive Charge V
R = 800V, IF = 30A, di/dt = -100A/μs, TJ = 25°C
200
nC
C
T
Junction Capacitance V
R = 0V, TJ = 25°C, f = 1MHz
2100
pF
Junction Capacitance V
R = 200V, TJ = 25°C, f = 1MHz
228
Junction Capacitance V
R = 400V, TJ = 25°C, f = 1MHz
167
STATIC ELECTRICAL CHARACTERISTICS
1 - Cathode
2 - Anode
Back of Case - Cathode
TO
-24
7
1
2
D3PAK
1
2


Similar Part No. - APT30SCD120B

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30S20B ADPOW-APT30S20B Datasheet
63Kb / 4P
HIGH VOLTAGE SCHOTTKY DIODE
logo
Inchange Semiconductor ...
APT30S20B ISC-APT30S20B Datasheet
280Kb / 2P
Schottky Diode
logo
Advanced Power Technolo...
APT30S20BCT ADPOW-APT30S20BCT Datasheet
58Kb / 4P
HIGH VOLTAGE SCHOTTKY DIODE
logo
Thinki Semiconductor Co...
APT30S20BCT THINKISEMI-APT30S20BCT Datasheet
3Mb / 5P
2*45A/200V Heatsink Dual Common Cathode Schottky Type Fast Recovery Rectifiers
logo
Inchange Semiconductor ...
APT30S20BCT ISC-APT30S20BCT Datasheet
298Kb / 2P
Schottky Diode
More results

Similar Description - APT30SCD120B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT20SCD120B MICROSEMI-APT20SCD120B Datasheet
135Kb / 4P
Zero Recovery Silicon Carbide Schottky Diode
logo
Cree, Inc
C2D05120A CREE-C2D05120A Datasheet
520Kb / 6P
Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D05120E CREE-C2D05120E Datasheet
391Kb / 6P
Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D10120A CREE-C2D10120A Datasheet
462Kb / 6P
Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D10120D CREE-C2D10120D Datasheet
566Kb / 6P
Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D20120D CREE-C2D20120D Datasheet
565Kb / 6P
Silicon Carbide Schottky Diode Zero Recovery Rectifier
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Microchip Technology
MSC010SDA070S MICROCHIP-MSC010SDA070S Datasheet
2Mb / 11P
Zero Recovery Silicon Carbide Schottky Diode
2021
MSC010SDA070B MICROCHIP-MSC010SDA070B Datasheet
2Mb / 12P
Zero Recovery Silicon Carbide Schottky Diode
2021
MSC010SDA070K MICROCHIP-MSC010SDA070K Datasheet
2Mb / 12P
Zero Recovery Silicon Carbide Schottky Diode
2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com