Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4448HTW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBD4448HTW
Description  SURFACE MOUNT FAST SWITCHING DIODE ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBD4448HTW Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBD4448HTW Datasheet HTML 1Page - Diodes Incorporated MMBD4448HTW Datasheet HTML 2Page - Diodes Incorporated MMBD4448HTW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SOT-363
DS30153 Rev. 7 - 2
2 of 3
MMBD4448HCQW /AQW /ADW /CDW /SDW /TW
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
VBR(R)
80
¾
V
IR = 100
mA
Maximum Forward Voltage (Note 2)
VFM
0.62
¾
¾
¾
0.72
0.855
1.0
1.25
V
IF = 5.0mA
IF = 10mA
IF = 100mA
IF = 150mA
Maximum Peak Reverse Current (Note 2)
IRM
¾
100
50
30
25
nA
mA
mA
nA
VR = 70V
VR = 75V, Tj = 150
°C
VR = 25V, Tj = 150
°C
VR = 20V
Junction Capacitance
Cj
¾
3.5
pF
VR = 6, f = 1.0MHz
Reverse Recovery Time
trr
¾
4.0
ns
VR = 6V, IF = 5mA
Notes:
2. Short duration pulse test used to minimize self-heating effect.
KA4 = Product Type Marking Code, KA4 = MMBD4448HCQW
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
KA4
Marking Information
Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
MMBD4448HADW-7
MMBD4448HAQW-7
MMBD4448HCDW-7
MMBD4448HCQW-7
MMBD4448HSDW-7
MMBD4448HTW-7
SOT-363
SOT-363
SOT-363
SOT-353
SOT-363
SOT-363
3000/Tape & Reel
Ordering Information (Note 3)
KXX
KXX = Product Type Marking Code, ex. KA5 = MMBD4448HAQW
KAA = MMBD4448HTW
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
KXX YM
KXX = Product Type Marking Code, ex. KA6 = MMBD4448HADW
KA7 = MMBD4448CDW
KA8 = MMBD4448HSDW
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Year
1998
1999
2000
2001
2002
2003
2004
Code
JK
LM
N
OP
SOT-353
SOT-363
Date Code Key



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com