Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4570 Datasheet(PDF) 1 Page - NEC

Part # 2SC4570
Description  NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4570 Datasheet(HTML) 1 Page - NEC

  2SC4570 Datasheet HTML 1Page - NEC 2SC4570 Datasheet HTML 2Page - NEC 2SC4570 Datasheet HTML 3Page - NEC 2SC4570 Datasheet HTML 4Page - NEC 2SC4570 Datasheet HTML 5Page - NEC 2SC4570 Datasheet HTML 6Page - NEC 2SC4570 Datasheet HTML 7Page - NEC 2SC4570 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
SILICON TRANSISTOR
2SC4570
NPN SILICON EPITAXIAL TRANSISTOR
SUPER MINI MOLD
DATA SHEET
Document No. P10408EJ2V0DS00 (2nd edition)
(Previous No. TC-2434)
Date Published March 1997 N
Printed in Japan
1993
©
DESCRIPTION
The 2SC4570 is a low supply voltage transistor designed for UHF
OSC/MIX.
It is suitable for a high density surface mount assembly since the
transistor has been applied super mini mold package.
FEATURES
• High fT : 5.5 GHz TYP. (@ VCE = 5 V, IC = 5 mA, f = 1 GHz)
• Low Cob : 0.7 pF TYP. (@ VCB = 5 V, IE = 0, f = 1 MHz)
• Super Mini Mold Package. (EIAJ : SC-70)
ORDERING INFORMATION
PART
NUMBER
QUANTITY
PACKING STYLE
2SC4570-T1
3 kpcs./Reel
Embossed tape 8 mm wide. Pin 3 (Collector) face
to perforation side of the tape.
2SC4570-T2
3 kpcs./Reel
Embossed tape 8 mm wide. Pin 1 (Emitter), Pin 2
(Base) face to perforation side of the tape.
* Please contact with responsible NEC person, if you require evaluation
sample. Unit sample quantity shall be 50 pcs. (Part No.: 2SC4570)
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3V
Collector Current
IC
30
mA
Total Power Dissipation
PT
120
mW
Junction Temperature
Tj
125
C
Storage Temperature
Tstg
55 to +125
C
PACKAGE DIMENSIONS
(Units: mm)
1.25±0.1
2
1
3
Marking
PIN CONNECTIONS
1.
2.
3.
Emitter
Base
Collector
2.1±0.1


Similar Part No. - 2SC4570

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4570 ISC-2SC4570 Datasheet
280Kb / 9P
isc Silicon NPN RF Transistor
logo
Renesas Technology Corp
2SC4570 RENESAS-2SC4570 Datasheet
268Kb / 9P
NPN SILICON RF TRANSISTOR
2004
2SC4570-T1 RENESAS-2SC4570-T1 Datasheet
268Kb / 9P
NPN SILICON RF TRANSISTOR
2004
More results

Similar Description - 2SC4570

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4571 NEC-2SC4571 Datasheet
67Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4885 NEC-2SC4885 Datasheet
82Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS SUPER MINI MOLD
2SC5004 NEC-2SC5004 Datasheet
54Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5010 NEC-2SC5010 Datasheet
61Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC1623-T1B-A RENESAS-2SC1623-T1B-A Datasheet
229Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC5006-T1-A RENESAS-2SC5006-T1-A Datasheet
242Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
California Eastern Labs
NE58219 CEL-NE58219 Datasheet
1Mb / 7P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC1623 RENESAS-2SC1623_15 Datasheet
229Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC5008 RENESAS-2SC5008_15 Datasheet
241Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC1623A RENESAS-2SC1623A Datasheet
301Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com