Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD7000 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBD7000
Description  DUAL SURFACE MOUNT SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBD7000 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBD7000 Datasheet HTML 1Page - Diodes Incorporated MMBD7000 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS12025 Rev. 3 - 2
2 of 2
MMBD7000
1
10
100
1000
10,000
0
100
200
T , JUNCTION TEMPERATURE (°C)
j
Fig. 2 Leakage Current vs Junction Temperature
V = 20V
R
10
1.0
100
1000
0.1
0.01
0
1
2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 1 Forward Characteristics
0
100
200
T , AMBIENT TEMPERATURE (ºC)
A
Fig. 3 Power Dissipation Derating
0
100
200
300
400
500
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Year
1999
2000
2001
2002
2003
2004
2005
Code
K
L
M
N
P
R
S
Date Code Key
KJH = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
KJH
Marking Information
Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
MMBD7000-7
SOT-23
3000/Tape & Reel
Ordering Information (Note 3)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com