Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS12AP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AS12AP
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS12AP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AS12AP Datasheet HTML 1Page - List of Unclassifed Manufacturers AS12AP Datasheet HTML 2Page - List of Unclassifed Manufacturers AS12AP Datasheet HTML 3Page - List of Unclassifed Manufacturers AS12AP Datasheet HTML 4Page - List of Unclassifed Manufacturers AS12AP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
H
Series AS
Subminiature Slides
www.nkk.com
H6
Poles
1
SPST
SPDT
2
DPDT
SP3T
TYPICAL SWITCH ORDERING EXAMPLE
2
H
AS
DPDT
ON-NONE-ON Circuit
Right Angle PC Terminals
Slide Position
Connected Terminals
Throw & Schematics
Pole
Model
Left
Center
Right
Left
Center
Right
Note: Terminal numbers are not
actually on the switch.
SP
AS11
ON
NONE
OFF
3-1
OPEN
OPEN
SPST
SP
AS12
AS13
ON
ON
NONE
OFF
ON
ON
2-1
2-1
OPEN
OPEN
2-3
2-3
SPDT
DP
AS22
AS23
ON
ON
NONE
OFF
ON
ON
2-1 5-4
2-1 5-4
OPEN
OPEN
2-3 5-6
2-3 5-6
DPDT
Circuits
1
ON
NONE
OFF
2
ON
NONE
ON
3
ON
OFF
ON
4
ON
ON
ON
2
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
AS22AH
POLES & CIRCUITS
A
Actuators
A
.098” (2.5mm) Long
B
Flush
C
.150” (3.8mm) Long
PC Terminals
P
Straight
B
Straight with Bracket
H
Right Angle with Bracket
V
Vertical with Bracket
Bracketed models are
ESD protected
*
*
*
*
.098” (2.5mm) Long
Actuator
3
1
INTERNAL
CONNECTION
13
4
6
2
5
(COM)
For 3 Throw (3-On)
Connected Terminals & Schematics
External Connection
Pole
Model
Left
Center
Right
The SP3T model utilizes
a double pole base.
External
connections
must be
made
during field
installation.
SP
AS24
ON
2-1 5-4
ON
2-3 5-4
ON
2-3 5-6
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
2 (COM)
3
1
36
25
4
1
Common
(in)
(out)
(out)
(out)
External
Conn
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com