Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907AT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBT2907AT
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT2907AT Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBT2907AT Datasheet HTML 1Page - Diodes Incorporated MMBT2907AT Datasheet HTML 2Page - Diodes Incorporated MMBT2907AT Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30269 Rev. 2 - 2
2 of 3
MMBT2907AT
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Collector-Base Breakdown Voltage
V(BR)CBO
-60
¾
V
IC = -10
mA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-60
¾
V
IC = -10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5.0
¾
V
IE = -10
mA, IC = 0
Collector Cutoff Current
ICBO
¾
-10
nA
mA
VCB = -50V, IE = 0
VCB = -50V, IE = 0, TA = 125
°C
Collector Cutoff Current
ICEX
¾
-50
nA
VCE = -30V, VEB(OFF) = -0.5V
Base Cutoff Current
IBL
¾
-50
nA
VCE = -30V, VEB(OFF) = -0.5V
ON CHARACTERISTICS (Note 2)
DC Current Gain
hFE
75
100
100
100
50
¾
¾
¾
300
¾
¾
IC = -100µA, VCE = -10V
IC = -1.0mA, VCE = -10V
IC = -10mA, VCE = -10V
IC = -150mA, VCE = -10V
IC = -500mA, VCE = -10V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
-0.4
-1.6
V
IC = -150mA, IB = -15mA
IC = -500mA, IB = -50mA
Base- Emitter Saturation Voltage
VBE(SAT)
¾
-1.3
-2.6
V
IC = 150mA, IB = 15mA
IC = 500mA, IB = 50mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
¾
8.0
pF
VCB = -10V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
—30
pF
VEB = -2.0V, f = 1.0MHz, IC = 0
Current Gain-Bandwidth Product
fT
200
¾
MHz
VCE = -20V, IC = -50mA,
f = 100MHz
SWITCHING CHARACTERISTICS
Turn-On Time
toff
¾
45
ns
Delay Time
td
¾
10
ns
VCC = -30V, IC = -150mA,
IB1 = -15mA
Rise Time
tr
¾
40
ns
Turn-Off Time
toff
¾
100
ns
Storage Time
ts
¾
80
ns
VCC = -6.0V, IC = -150mA,
IB1 = IB2 = -15mA
Fall Time
tf
¾
30
ns
Notes:
2.
Short duration test pulse used to minimize self-heating effect.
3.
For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
MMBT2907AT-7
SOT-523
3000/Tape & Reel
(Note 3)
Ordering Information
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Year
1998
1999
2000
2001
2002
2003
2004
Code
JK
L
M
N
PR
Date Code Key
2F = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
2FYM
Marking Information



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com