Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT429 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AT429
Description  Accessories Hardware
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT429 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AT429 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT429 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT429 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT429 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT429 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT429 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT429 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT429 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT429 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Accessories & Hardware
www.nkk.com
Y14
Y
AT499
Protective Guard for Square
Cover: Polycarbonate
Base: Polyamide
Series: LB
AT501 (M-metric H-inch)
Knurled Face Nut
Brass with chrome plating
Series: D2 DB EB M MB20
MB24 P
AT503 (M-metric H-inch)
Hex Face Nut
Brass with chrome plating
Series: M P S SB WB WT
AT504M
Knurled Face Nut
Brass with chrome plating
Series: M P S SB SCB
WB WT
AT506M
Locking Ring
Steel with zinc/chromate
Series: M MB20 P S SB
AT507 (M-metric H-inch)
Locking Ring
Steel with zinc/chromate
Series: D2 DB EB M MB20
MB24 MB25 MR P
AT508
Internal Tooth Lockwasher
Steel with zinc/chromate
Series: M P S SB SCB
SK TL WB WT
AT509
Internal Tooth Lockwasher
Steel with zinc/chromate
Series: D2 DB EB FR01 M
MB25 MR P S SB
AT512 (M-metric H-inch)
Conical Nut
Brass with chrome plating
Series: EB MB20
AT512C (M-metric H-inch)
Conical Nut
Brass with chrome plating
Series: EB MB20
AT513H
Hex Nut
Brass with nickel plating
Series: M MB20 MB24
(10.0) Dia
.394
(1.7)
.067
M6 P0.75 or
1/4-40 Thd
(14.3)
.563
(16.0)
.630
(2.4)
.094
M12 P1 or
15/32 32NS
(15.2) Dia
.598
M12 P1
(2.5)
.098
(2.8)
.110
(18.2) Dia
.717
(1.0)
.039
(12.1) Dia
.476
(1.8)
.071
(11.5)
.453
(12.0) Dia
.472
(0.9)
.035
(2.0)
.079
(0.8)
.031
(5.5) or
.229
.250 Dia
or 6.0mm
(12.1) Dia
.476
(15.8) Dia
.622
(0.5)
.020
(10.2) Dia
.402
(6.4) Dia
.252
(0.5)
.020
(8.5)
.335
M6 P0.75 or
1/4-40 Thd
(13.0) Dia
.512
(10.5) Dia
.413
(10.0)
.394
M6 P0.75 or
1/4-40 Thd
(14.0) Dia
.551
(12.2) Dia
.480
(8.0)
.315
(1.5)
.059
(9.0)
.354
1/4-40 Thd
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
H Gray
J Clear
AT500s
(8.0)
.315
(21.0)
.827
(20.0)
.787



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com