Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA05 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBTA05
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBTA05 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBTA05 Datasheet HTML 1Page - Diodes Incorporated MMBTA05 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS30037 Rev. C-2
2 of 2
MMBTA05 / MMBTA06
0
50
100
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1, Max Power Dissipation vs
Ambient Temperature
A
150
200
250
300
350
0
1
10
1000
100
1
10
100
1000
I , COLLECTOR CURRENT (mA)
Fig. 2, Typical Pulsed Current Gain
vs. Collector Current
C
V= 1V
CE
T = -40ºC
A
T = +125ºC
A
T = +25ºC
A
T , AMBIENT TEMPERATURE (
)
A
ºC
Fig. 4 Typical Collector-Cutoff Current
vs. Ambient Temperature
10
0.01
0.1
1
25
50
75
100
125
V
= 80V
CB
0.001
0.01
I
BASE CURRENT (mA)
Fig.3Typical Collector Saturation Region
B,
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
I = 1mA
C
I = 10mA
C
I = 30mA
C
I = 100mA
C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com