Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBTA13
Description  NPN SURFACE MOUNT DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBTA13 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBTA13 Datasheet HTML 1Page - Diodes Incorporated MMBTA13 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30047 Rev. 4 - 2
1 of 2
MMBTA13 / MMBTA14
www.diodes.com
MMBTA13 / MMBTA14
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
·
Epitaxial Planar Die Construction
·
Complementary PNP Types Available
(MMBTA63 / MMBTA64)
·
Ideal for Medium Power Amplification and
Switching
·
High Current Gain
Characteristic
Symbol
MMBTA13
MMBTA14
Unit
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
10
V
Collector Current - Continuous (Note 1)
IC
300
mA
Power Dissipation (Note 1)
Pd
300
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
417
°CW
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
A
E
J
L
TOP VIEW
M
B C
C
B
E
H
G
D
K
Mechanical Data
·
Case: SOT-23, Molded Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202, Method
208
·
Terminal Connections: See Diagram
·
MMBTA13 Marking (See Page 2): K2D, K3D
·
MMBTA14 Marking (See Page 2): K3D
·
Ordering & Date Code Information: See Page 2
·
Weight: 0.008 grams (approx.)
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm
E
B
C
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Collector-Emitter Breakdown Voltage
V(BR)CEO
30
¾
V
IC = 100
mAVBE = 0V
Collector Cutoff Current
ICBO
¾
100
nA
VCB = 30V, IE = 0
Emitter Cutoff Current
IEBO
¾
100
nA
VEB = 10V, IC = 0
ON CHARACTERISTICS (Note 2)
DC Current Gain
MMBTA13
MMBTA14
MMBTA13
MMBTA14
hFE
5,000
10,000
10,000
20,000
¾¾
IC = 10mA, VCE = 5.0V
IC = 10mA, VCE = 5.0V
IC = 100mA, VCE = 5.0V
IC = 100mA, VCE = 5.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
1.5
V
IC = 100mA, IB = 100
mA
Base- Emitter Saturation Voltage
VBE(SAT)
¾
2.0
V
IC = 100mA, VCE = 5.0V
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
8.0 Typical
pF
VCB = 10V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
15 Typical
pF
VEB = 0.5V, f = 1.0MHz, IC = 0
Current Gain-Bandwidth Product
fT
125
¾
MHz
VCE = 5.0V, IC = 10mA,
f = 100MHz
Note:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.


Similar Part No. - MMBTA13

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA13 TRSYS-MMBTA13 Datasheet
139Kb / 1P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBTA13 SAMSUNG-MMBTA13 Datasheet
26Kb / 1P
NPN (DARLINGTON AMPLIFIER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA13 FAIRCHILD-MMBTA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
KEC(Korea Electronics)
MMBTA13 KEC-MMBTA13 Datasheet
65Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, DARLINGTON TRANSISTOR)
logo
Micro Commercial Compon...
MMBTA13 MCC-MMBTA13 Datasheet
166Kb / 4P
NPN Darlington Amplifier Transistor
More results

Similar Description - MMBTA13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBTA28 DIODES-MMBTA28 Datasheet
62Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 2 - 2
MMBT6427 DIODES-MMBT6427_1 Datasheet
166Kb / 4P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30048 Rev. 8 - 2
MMST6427 DIODES-MMST6427_1 Datasheet
360Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30166 Rev. 9 - 2
MMST6427 DIODES-MMST6427_2 Datasheet
120Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev. 10 - 2
MMBTA28 DIODES-MMBTA28_2 Datasheet
110Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 9 - 2
MMBTA13 DIODES-MMBTA13_15 Datasheet
120Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev 11
MMSTA13 DIODES-MMSTA13_15 Datasheet
117Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev 9
logo
Micro Commercial Compon...
BCV47 MCC-BCV47 Datasheet
381Kb / 4P
NPN Surface Mount Darlington Transistor
MMBTA28 MCC-MMBTA28_15 Datasheet
855Kb / 4P
NPN Surface Mount Darlington Transistor
logo
Guangdong Kexin Industr...
MMSTA13 KEXIN-MMSTA13 Datasheet
72Kb / 3P
NPN Surface Mount Darlington Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com