Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA63 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBTA63
Description  PNP SURFACE MOUNT DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBTA63 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBTA63 Datasheet HTML 1Page - Diodes Incorporated MMBTA63 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30055 Rev. 3 - 2
1 of 2
MMBTA63 / MMBTA64
www.diodes.com
MMBTA63 / MMBTA64
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
·
Epitaxial Planar Die Construction
·
Complementary NPN Types Available
(MMBTA13 / MMBTA14)
·
Ideal for Medium Power Amplification and
Switching
·
High Current Gain
Characteristic
Symbol
MMBTA63
MMBTA64
Unit
Collector-Base Voltage
VCBO
-30
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-10
V
Collector Current - Continuous (Note 1)
IC
-500
mA
Power Dissipation (Note 1)
Pd
300
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
417
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
A
E
J
L
TOP VIEW
M
B C
C
B
E
H
G
D
D
K
Mechanical Data
·
Case: SOT-23, Molded Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Terminal Connections: See Diagram
·
MMBTA63 Marking (See Page 2): K2E, K3E
·
MMBTA64 Marking (See Page 2): K3E
·
Ordering & Date Code Information: See Page 2
·
Weight: 0.008 grams (approx.)
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Collector-Emitter Breakdown Voltage
V(BR)CEO
-30
¾
V
IC = -100
mAVBE = 0V
Collector Cutoff Current
ICBO
¾
-100
nA
VCB = -30V, IE = 0
Emitter Cutoff Current
IEBO
¾
-100
nA
VEB = -10V, IC = 0
ON CHARACTERISTICS (Note 2)
DC Current Gain
MMBTA63
MMBTA64
MMBTA63
MMBTA64
hFE
5,000
10,000
10,000
20,000
¾¾
IC = -10mA, VCE = -5.0V
IC = -10mA, VCE = -5.0V
IC = -100mA, VCE = -5.0V
IC = -100mA, VCE = -5.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
-1.5
V
IC = -100mA, IB = -100
mA
Base- Emitter Saturation Voltage
VBE(SAT)
¾
-2.0
V
IC = -100mA, VCE = -5.0V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
125
¾
MHz
VCE = -5.0V, IC = -10mA,
f = 100MHz
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm
E
B
C


Similar Part No. - MMBTA63

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA63 TRSYS-MMBTA63 Datasheet
132Kb / 1P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBTA63 SAMSUNG-MMBTA63 Datasheet
64Kb / 2P
PNP (DARLINGTON TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA63 FAIRCHILD-MMBTA63 Datasheet
29Kb / 2P
PNP Darlington Transistor
logo
KEC(Korea Electronics)
MMBTA63 KEC-MMBTA63 Datasheet
184Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE DARLING TON TRANSISTOR)
logo
Diodes Incorporated
MMBTA63 DIODES-MMBTA63 Datasheet
79Kb / 3P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
DS30055 Rev. 7 - 2
More results

Similar Description - MMBTA63

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA63 TRSYS-MMBTA63 Datasheet
132Kb / 1P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
logo
Central Semiconductor C...
CXTA62 CENTRAL-CXTA62 Datasheet
69Kb / 2P
SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
CZTA77 CENTRAL-CZTA77 Datasheet
73Kb / 2P
SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
logo
Diodes Incorporated
MMBTA63 DIODES-MMBTA63_1 Datasheet
79Kb / 3P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
DS30055 Rev. 7 - 2
MMSTA63 DIODES-MMSTA63_1 Datasheet
80Kb / 4P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
DS30159 Rev. 8 - 2
MMBTA63 DIODES-MMBTA63_2 Datasheet
110Kb / 3P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
DS30055 Rev. 8 - 2
MMSTA63 DIODES-MMSTA63_2 Datasheet
113Kb / 3P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
Rev. 9 - 2
MMBTA63 DIODES-MMBTA63_15 Datasheet
110Kb / 3P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
Rev 8
MMSTA63 DIODES-MMSTA63_15 Datasheet
113Kb / 3P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
Rev 9
logo
Guangdong Kexin Industr...
MMSTA63 KEXIN-MMSTA63 Datasheet
142Kb / 3P
PNP Surface Mount Darlington Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com