Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC120603A100 Datasheet(PDF) 7 Page - AVX Corporation

Part # VC120603A100
Description  AVX Multilayer Ceramic Transient Voltage Suppressors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC120603A100 Datasheet(HTML) 7 Page - AVX Corporation

Back Button VC120603A100 Datasheet HTML 2Page - AVX Corporation VC120603A100 Datasheet HTML 3Page - AVX Corporation VC120603A100 Datasheet HTML 4Page - AVX Corporation VC120603A100 Datasheet HTML 5Page - AVX Corporation VC120603A100 Datasheet HTML 6Page - AVX Corporation VC120603A100 Datasheet HTML 7Page - AVX Corporation VC120603A100 Datasheet HTML 8Page - AVX Corporation VC120603A100 Datasheet HTML 9Page - AVX Corporation VC120603A100 Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
TransGuard
®
AVX Multilayer Ceramic Transient Voltage Suppressors
TYPICAL PERFORMANCE CURVES (0603, 0805, 1206 & 1210 CHIP SIZES)
VOLTAGE/CURRENT CHARACTERISTICS
Multilayer construction and improved grain structure result in excellent transient clamping characteristics up to 500 amps peak
current, depending on case size and energy rating, while maintaining very low leakage currents under DC operating condi-
tions. The VI curve below shows the voltage/current characteristics for the 3.3V, 5.6V, 12V, 14V, 18V, 26V, 30V, 48V and
60VDC parts with currents ranging from parts of a micro amp to tens of amps.
VI Curves - 9V, 12V, and 14V Products
50
40
30
20
10
0
10-9
10-6
10-3
10+0
10+3
Current (A)
9V, 0.1J
12V, 0.1J
14V, 0.1J
14V, >0.1J
VI Curves - 3.3V and 5.6V Products
25
20
15
10
5
0
10-9
10-6
10-3
10+0
10+3
Current (A)
3.3V, 0.1J
3.3V, >0.1J
5.6V, 0.1J
5.6V, >0.1J
VI Curves - 30V, 48V, and 60V Products
200
150
100
50
0
10-9
10-6
10-3
10+0
10+3
Current (A)
30V, 0.1J
30V, >0.1J
48V
60V
VI Curves - 18V and 26V Products
100
80
60
40
20
0
10-9
10-6
10-3
10+0
10+3
Current (A)
18V, 0.1J
18V, >0.1J
26V, 0.1J
26V, >0.1J
VI Curve - 85V Product
0
40
80
120
160
200
1.E-09
1.E-06
1.E-03
1.E+00
1.E+03
Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com