Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER25 Datasheet(PDF) 22 Page - STMicroelectronics

Part # VIPER25
Description  Off-line high voltage converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER25 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VIPER25 Datasheet HTML 18Page - STMicroelectronics VIPER25 Datasheet HTML 19Page - STMicroelectronics VIPER25 Datasheet HTML 20Page - STMicroelectronics VIPER25 Datasheet HTML 21Page - STMicroelectronics VIPER25 Datasheet HTML 22Page - STMicroelectronics VIPER25 Datasheet HTML 23Page - STMicroelectronics VIPER25 Datasheet HTML 24Page - STMicroelectronics VIPER25 Datasheet HTML 25Page - STMicroelectronics VIPER25 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Operation description
VIPER25
22/40
Doc ID 15585 Rev 4
7.7
Frequency foldback function and valley skipping mode
The switching frequency, in Quasi Resonant mode, is not fixed and it depends on both the
load and the converter’s input voltage. The switching frequency increases when the load
decreases, or when the input voltage mains increases, and vice versa. In principle it could
reach an infinite value. To avoid that, the VIPER25 taps the maximum switching frequency of
the application by its control logic.
The frequency limit is realized with an internal oscillator switching at 136 kHz for VIPER25L
or at 225 kHz for the VIPER25H, sees the parameter FOSClim on Table 8 on page 8. This
oscillator is synchronized with power MOSFET turn-on. When the power MOSFET is off, if
the first negative-going edge voltage of the ZCD pin, resulting from transformer’s
demagnetization, appears after at least one oscillator cycle has been completed, the
MOSFET is turned ON and the oscillator re-synchronized.
Otherwise, if the first negative-going edge voltage appears before completing one oscillator
cycle, the signal is ignored. Due to the ringing of the drain voltage, the ZCD pin will
experience another positive-going edge voltage that arms the circuit and a subsequent
negative-going edge voltage. Again, if this appears before the oscillator cycle is complete, it
is ignored, otherwise the MOSFET is turned ON and the oscillator re-synchronized. In this
way, one or more drain ringing cycles will be skipped (Figure 29 on page 22 shows the so
called “valley-skipping mode”) and the switching frequency will be prevented from exceeding
the limit FOSClim.
Figure 29.
Drain ringing cycle skipping as the load is progressively reduced
When the system operates in valley skipping-mode, uneven switching cycles may be
observed under some line/load conditions, due to the fact that the OFF-time of the power
MOSFET is allowed to change with discrete steps of one ringing cycle, while the OFF-time
needed for cycle-by-cycle energy balance could fall in between. Thus one or more longer
switching cycles will be compensated by one or more shorter cycles and vice versa. This
mechanism is natural and there is no appreciable effect on the converter’s performances
and on its output voltage.
The operation described so far does not consider the blanking time TBLANK after power
MOSFET's turn OFF. Actually TBLANK does not come into play as long as the following
condition is met:
Equation 2
where D is the MOSFET duty cycle. If this condition is not met, the time during which
MOSFET's turn-ON is inhibited is extended beyond TOSClim by a fraction of TBLANK. As a
consequence, the maximum switching frequency will be a little lower than the internal limit
set by the oscillator and valley-skipping mode will take place slightly earlier than expected.
 
Pin=Pin'
(limit condition)
Pin=Pin''< Pin'
Pin =Pin''' <Pin''
t
V
DS
TFW
Tosc
TV
TON
t
V
DS
Tosc
t
V
DS
Tosc
lim
OSC
BLANK
lim
OSC
BLANK
F
T
1
T
T
1
D
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com